Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAMMP7X2S-J Datasheet(PDF) 36 Page - ITT Industries

Part # DAMMP7X2S-J
Description  Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMP7X2S-J Datasheet(HTML) 36 Page - ITT Industries

Back Button DAMMP7X2S-J Datasheet HTML 32Page - ITT Industries DAMMP7X2S-J Datasheet HTML 33Page - ITT Industries DAMMP7X2S-J Datasheet HTML 34Page - ITT Industries DAMMP7X2S-J Datasheet HTML 35Page - ITT Industries DAMMP7X2S-J Datasheet HTML 36Page - ITT Industries DAMMP7X2S-J Datasheet HTML 37Page - ITT Industries DAMMP7X2S-J Datasheet HTML 38Page - ITT Industries DAMMP7X2S-J Datasheet HTML 39Page - ITT Industries DAMMP7X2S-J Datasheet HTML 40Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 62 page
background image
Cannon Combo D® High Power 90° PCB Receptacle DD
Military/High Reliability
40 A High power 90° PCB Receptacle, Size DD, with metal bracket
C-36
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
C
Plug
40 A High power inserted with US footprint metal bracket and UNC 4-40 captive nut
INDUSTRIAL
MILITARY/HI-REL
NON-MAGNETIC/LOW OUTGASSING*
Shell
Layout
P/N without
P/N with
P/N without
P/N with UNC
P/N with
size
Boardlock
Boardlock
Boardlock
Boardlock
Gold Plating
DD
24WK7
DDMP24H7S-JA197
DDMC24H7S-JA197
DDMMP24H7S-J
DDMMC24H7S-J
DDM24H7S-JNMBK52
DD
36W4
DDMP36H4S-JA197
DDMC36H4S-JA197
DDMMP36H4S-J
DDMMC36H4S-J
DDM36H4S-JNMBK52
DD
43W2
DDMP43H2S-JA197
DDMC43H2S-JA197
DDMMP43H2S-J
DDMMC43H2S-J
DDM43H2S-JNMBK52
DD
47W1
DDMP47H1S-JA197
DDMC47H1S-JA197
DDMMP47H1S-J
DDMMC47H1S-J
DDM47H1S-JNMBK52
* Hardware Modifier not allowed with Non Magnetic/ Low Outgassing Combo-D; contact factory for more information
Shell
A
B
C
D
E
F
W
L
size
± 0,38 (.015)
± 0,13 (.005)
± 0,13 (.005)
± 0,13 (.005)
± 0,38 (.015)
± 0,25 (.010)
± 0,38 (.015)
± 0,25 (.010)
DD
66,93 (2.635)
52,42 (2.064)
61,11 (2,406)
10,74 (.423)
15,37 (.605)
10,90 (.429)
6,94 (.273)
0,76 (.030)
Dimensions
• For contact cavity arrangements, see page C-43.
• For pcb hole pattern, see Combo D Catalog.
ca_C1-C61.qxd:Layout 1
2/10/11
2:23 PM
Page 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com