Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAMMP7X2S-J Datasheet(PDF) 37 Page - ITT Industries

Part # DAMMP7X2S-J
Description  Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMP7X2S-J Datasheet(HTML) 37 Page - ITT Industries

Back Button DAMMP7X2S-J Datasheet HTML 33Page - ITT Industries DAMMP7X2S-J Datasheet HTML 34Page - ITT Industries DAMMP7X2S-J Datasheet HTML 35Page - ITT Industries DAMMP7X2S-J Datasheet HTML 36Page - ITT Industries DAMMP7X2S-J Datasheet HTML 37Page - ITT Industries DAMMP7X2S-J Datasheet HTML 38Page - ITT Industries DAMMP7X2S-J Datasheet HTML 39Page - ITT Industries DAMMP7X2S-J Datasheet HTML 40Page - ITT Industries DAMMP7X2S-J Datasheet HTML 41Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 62 page
background image
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
C
C-37
Grommet D
GD*
Grommet D
Performance and Material Specifications
MATERIALS AND FINISHES
Materials
Finishes
Shell
Low carbon steel per ASTM-A-620
Yellow chromate over cadmium per QQ-P-415,
Type II, Class 2
Contacts
Copper alloy
Standard finish: Gold over nickel
Military finish: Gold 50 microinches thickness
per MIL-G-45204, Type II, Grade C, Class 1,
over copper per MIL-C-14550
Float Mount Hardware
Stainless Steel
Passivated per QQ-P-35
Grommets and Seals
Silicone elastomer or Fluorosilicone
Bonding Material
Epoxy
MECHANICAL FEATURES
Wire Accommodation – Contact: #20, #22, #24 AWG.
Wire O.D. .071 (1.80) maximum, .038 (0.97) minimum.
Contact Retention – 9 lbs. minimum (40N) after 10 insertions
ELECTRICAL DATA
Test voltage AC RMS 60 Hz
Sea Level
20,000 Ft.
50,000 Ft.
70,000 Ft.
Average Flashover
1,000
1,000
500
500
Test
1,000
650
325
325
Maximum Current Carrying Capacity of Contacts – #20 Contacts: 5 Amps
Temperature Range – -65°C to +150°C (-53.9°F to +302°F)
• Environmental Protection
• MIL-C-4308 Compatibility
• Reliability and Versatility
GD* connectors are ideal for aerospace, mili-
tary, telecommunications and other
applications requiring protection and high
reliability.
ITT Cannon developed GD* connectors to
meet the needs of the avionics industry.
These connectors provide high-density and
moisture protection.
Environmental protection is accomplished by
the resilient grommet, interfacial seal, and
bonded connector components.
How to Order
GD
B
-
25
P
**
SERIES PREFIX
SHELL SIZE
MOUNTING TYPE
CONTACT ARRANGEMENT
CONTACT TYPE
MODIFICATION
MOUNTING TYPE
CONTACT TYPE
No designator – .120 (3.05) Diameter Mounting Holes
P
– Pin, crimp termination
S
– Socket, crimp termination
Y – Float Mount for Rear and Front Panel Mounting
CONTACT ARRANGEMENTS
MODIFICATIONS (Typical Modifiers)
Std. Density 9, 15, 25, 37 and 50
FO
– Connectors supplied Less Contacts
Hi Density 15, 26, 44, 62, 78
See D*MA modifiers, page C-8.
SERIES PREFIX
GD – Grommet D
SHELL SIZE
E, A, B, C, D
ca_C1-C61.qxd:Layout 1
2/10/11
9:32 AM
Page 37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com