Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAMMP7X2S-J Datasheet(PDF) 46 Page - ITT Industries

Part # DAMMP7X2S-J
Description  Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMP7X2S-J Datasheet(HTML) 46 Page - ITT Industries

Back Button DAMMP7X2S-J Datasheet HTML 42Page - ITT Industries DAMMP7X2S-J Datasheet HTML 43Page - ITT Industries DAMMP7X2S-J Datasheet HTML 44Page - ITT Industries DAMMP7X2S-J Datasheet HTML 45Page - ITT Industries DAMMP7X2S-J Datasheet HTML 46Page - ITT Industries DAMMP7X2S-J Datasheet HTML 47Page - ITT Industries DAMMP7X2S-J Datasheet HTML 48Page - ITT Industries DAMMP7X2S-J Datasheet HTML 49Page - ITT Industries DAMMP7X2S-J Datasheet HTML 50Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 62 page
background image
C
C-46
www.ittcannon.com
90° D*M
Standard Density
5,49
(.216)
5,49
(.216)
5,49(.216)
8,23 (.324)
Mounting
Hole
Signal
Contact
2,74 (.108)
25,00 (.984)
2,84 (.112)
7,19 (.283)
REAR FLANGE REF
8,64 (.340)
REAR FLANGE REF
5,54(.218) 5,54(.218)
23,47 (.924)
22,10 (.870)
19,33 (.761)
16,56 (.652)
13,82 (.544)
11,05 (.435)
8,28 (.326)
22,10 (.870)
19,33 (.761)
16,56 (.652)
13,82 (.544)
11,05 (.435)
8,28 (.326)
5,54(.218)
8,28 (.326)
12,42 (.489)
15,19 (.598)
6,91 (.272)
9,68 (.381)
12,42 (.489)
15,19 (.598)
17,96 (.707)
20.70 (.815)
17,96 (.707)
20,70 (.815)
6,91 (.272)
9,68 (.381)
Mounting
Hole
Signal
Contact
2,80 (.110)
23,47 (.924)
63,50 (2.500)
24,84 (.978)
24,84 (.978)
2,84 (.112)
7,19 (.283)
REAR FLANGE REF
8,64 (.340)
REAR FLANGE REF
33,32 (1.312)
8,23 (.324) 8,23 (.324)
5,49
(.216)
5,49
(.216)
5,49
(.216)
8,23 (.324)
6,86
(.270)
6,86
(.270)
9,60 (.378)
9,60 (.378)
Mounting
Hole
Signal
Contact
2,74 (.108)
2,54 (.100)
7,19 (.283)
8,64 (.340)
REAR FLANGE REF
REAR FLANGE REF
5,54(.218) 5,54(.218)
16,56 (.652)
13,82 (.544)
11,05 (.435)
8,28 (.326)
16,56 (.652)
13,82 (.544)
11,05 (.435)
8,28 (.326)
5,54(.218)
8,28 (.326)
12,42 (.489)
15,19 (.598)
6,91 (.272)
9,68 (.381)
12,42 (.489)
15,19 (.598)
6,91 (.272)
9,68 (.381)
Mounting
Hole
Signal
Contact
2,80 (.110)
2,84 (.112)
7,19 (.283)
REAR FLANGE REF
8,64 (.340)
REAR FLANGE REF
47,04 (1.852)
25 Contacts
50 Contacts
9 Contacts
37 Contacts
15 Contacts
Signal Contact
Recommended PCB Hole
0,76 (.030)
1,14 (.045)
1,00 (.040)
1,40 (.055)
Mounting Type
Recommended PCB Hole
Without Boardlock
3,05 (.120)
With Boardlock
3,10 (.122)
5,54(.218) 5,54(.218)
23,47 (.924)
22,10 (.870)
19,33 (.761)
16,56 (.652)
13,82 (.544)
11,05 (.435)
8,28 (.326)
22,10 (.870)
19,33 (.761)
16,56 (.652)
13,82 (.544)
11,05 (.435)
8,28 (.326)
5,54(.218)
8,28 (.326)
12,42 (.489)
15,19 (.598)
6,91 (.272)
9,68 (.381)
12,42 (.489)
15,19 (.598)
17,96 (.707)
20.70 (.815)
17,96 (.707)
20,70 (.815)
6,91 (.272)
9,68 (.381)
Mounting
Hole
Signal
Contact
2,80 (.110)
23,47 (.924)
63,50 (2.500)
24,84 (.978)
24,84 (.978)
2,84 (.112)
7,19 (.283)
REAR FLANGE REF
8,64 (.340)
REAR FLANGE REF
37 Contacts
90° Plug and Receptacle
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
ca_C1-C61.qxd:Layout 1
2/10/11
9:32 AM
Page 46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com