Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAMMP7X2S-J Datasheet(PDF) 15 Page - ITT Industries

Part # DAMMP7X2S-J
Description  Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMP7X2S-J Datasheet(HTML) 15 Page - ITT Industries

Back Button DAMMP7X2S-J Datasheet HTML 11Page - ITT Industries DAMMP7X2S-J Datasheet HTML 12Page - ITT Industries DAMMP7X2S-J Datasheet HTML 13Page - ITT Industries DAMMP7X2S-J Datasheet HTML 14Page - ITT Industries DAMMP7X2S-J Datasheet HTML 15Page - ITT Industries DAMMP7X2S-J Datasheet HTML 16Page - ITT Industries DAMMP7X2S-J Datasheet HTML 17Page - ITT Industries DAMMP7X2S-J Datasheet HTML 18Page - ITT Industries DAMMP7X2S-J Datasheet HTML 19Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 62 page
background image
C
C-15
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
Cannon Straight PCB, Size 20
Military/High Reliability
Standard Density Straight PC Tail
Shell Size
Layout
Through Hole
Dual Float Mount
DE
9
DEM9SM
DEMYSM
DA
15
DAM15SM
DAMY15SM
DB
25
DBM25SM
DBMY25SM
DC
37
DCM37SM
DCMY37SM
DD
50
DDM50SM
DDMY50SM
Dimensions
Receptacle
• For contact cavity arrangements, see pages C-44.
• For P.C. hole pattern, see pages C-45.
• For panel cutouts, see page C-49.
Note: For residual magnetism level of 200 Gamma and shells and
contacts with 50 micro inches (1,27m) gold plating, add NMBK52.
Example DEMA15SMNMBK52 and shells with 50 microinches gold.
For alternate PC tail modifiers (see tabulation), replace with OL3 or Z.
Example: DEM9SZNM
Shell
A
B
C
D
E
F
W
K
L
size
± 0,38 (.015)
± 0,13 (.005)
± 0,13 (.005)
± 0,13 (.005)
± 0,38 (.015)
± 0,25 (.010)
± 0,368 (.0145) ± 0,317 (.0125) ± 0,25 (.010)
DE
30,81 (1.213)
16,33 (.643)
24,99 (8,36)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DA
39,14 (1.541)
24,66 (.971)
33,32 (1.312)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DB
53,04 (2.088)
38,38 (1.511)
47,04 (1.852)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DC
69,32 (2.729)
54,84 (2.159)
63,50 (2.500)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DD
66,93 (2.635)
52,42 (2.064)
61,11 (2.406)
10,74 (.423)
15,37 (.605)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
Engaging Face
DD Configuration
A
B
C
10°
E
D
Ø 3,05
(.120)
Ø Y
X
2,84
(.112)
5,69
(.224)
L
K
2,84
(.112)
F
W
Sizes E, A, B, C
Size D
PC Tail Modifiers
X
Y
M
4.01 ± 0,69
0,76 ± 0,08
(.158 ± .027)
(.030 ± .003)
Q
7,62 ± 0,5
0,76 ± 0,08
(.300 ± .020)
(.030 ± .003)
0L3
4,82 ± 1,5
0,60 ± 0,08
(.190 ± .020)
(.023 ± .003)
0L3 for HE501 connectors and ESA equivalents
ca_C1-C61.qxd:Layout 1
2/10/11
9:32 AM
Page 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com