Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAMMP7X2S-J Datasheet(PDF) 10 Page - ITT Industries

Part # DAMMP7X2S-J
Description  Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMP7X2S-J Datasheet(HTML) 10 Page - ITT Industries

Back Button DAMMP7X2S-J Datasheet HTML 6Page - ITT Industries DAMMP7X2S-J Datasheet HTML 7Page - ITT Industries DAMMP7X2S-J Datasheet HTML 8Page - ITT Industries DAMMP7X2S-J Datasheet HTML 9Page - ITT Industries DAMMP7X2S-J Datasheet HTML 10Page - ITT Industries DAMMP7X2S-J Datasheet HTML 11Page - ITT Industries DAMMP7X2S-J Datasheet HTML 12Page - ITT Industries DAMMP7X2S-J Datasheet HTML 13Page - ITT Industries DAMMP7X2S-J Datasheet HTML 14Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 62 page
background image
Cannon Solder Cup, Size 20
Military/Hi-Reliability
Solder Cup
C-10
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
C
Dimensions
Receptacle
• For contact cavity arrangements, see pages C-44.
• For panel cutouts, see page C-49.
• Accepts up to 18 AWG.
Shell Size
Layout
Through Hole
Dual Float Mount
DE
9
DEM9S
DEMY9S
DA
15
DAM15S
DAMY15S
DB
25
DBM25S
DBMY25S
DC
37
DCM37S
DCMY37S
DD
50
DDM50S
DDMY50S
Shell
A
B
C
D
E
F
W
K
L
size
± 0,38 (.015)
± 0,13 (.005)
± 0,13 (.005)
± 0,13 (.005)
± 0,38 (.015)
± 0,25 (.010)
± 0,368 (.0145) ± 0,317 (.0125) ± 0,25 (.010)
DE
30,81 (1.213)
16,33 (.643)
24,99 (8,36)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DA
39,14 (1.541)
24,66 (.971)
33,32 (1.312)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DB
53,04 (2.088)
38,38 (1.511)
47,04 (1.852)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DC
69,32 (2.729)
54,84 (2.159)
63,50 (2.500)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DD
66,93 (2.635)
52,42 (2.064)
61,11 (2.406)
10,74 (.423)
15,37 (.605)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
n
o
it
a
r
u
g
if
n
o
C
D
D
e
c
a
F
g
n
i
g
a
g
n
E
A
C
B
E
D
10°
Ø 3,05
(.120)
5,69
(.224)
2,84
(.112)
L
K
2,84
(.112)
F
W
9,91 (.390)
MAX
Sizes E, A, B, C
Size D
Note: For residual magnetism level of 200 Gamma and shells and contacts with
50 micro inches (1,27m) gold plating, add NMBK52. Example DEM9PNMBK52
and shells with 50 microinches gold for 50 microinch (1.27mm) gold contacts
ca_C1-C61.qxd:Layout 1
2/10/11
9:32 AM
Page 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com