Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAMMP7X2S-J Datasheet(PDF) 8 Page - ITT Industries

Part # DAMMP7X2S-J
Description  Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMP7X2S-J Datasheet(HTML) 8 Page - ITT Industries

Back Button DAMMP7X2S-J Datasheet HTML 4Page - ITT Industries DAMMP7X2S-J Datasheet HTML 5Page - ITT Industries DAMMP7X2S-J Datasheet HTML 6Page - ITT Industries DAMMP7X2S-J Datasheet HTML 7Page - ITT Industries DAMMP7X2S-J Datasheet HTML 8Page - ITT Industries DAMMP7X2S-J Datasheet HTML 9Page - ITT Industries DAMMP7X2S-J Datasheet HTML 10Page - ITT Industries DAMMP7X2S-J Datasheet HTML 11Page - ITT Industries DAMMP7X2S-J Datasheet HTML 12Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 62 page
background image
Military/Hi-Reliability D*M D-Subminiature
Ordering Information - Connector Designator
For Hi-Reliability Crimp, Solder Cup and PCB Type, Standard & Hi-Density Connectors with Machined Contacts
C-8
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
C
Typical Part Number:
DBM* E
25
P M NMB A197 FO
• Product Family Designator
D*M
= Solder Cup & Std. Density PCB
Industrial/Commercial Version (without spacer for straight PCB)
D*MM = Solder Cup & PCB Mil version
(50 micro-inch gold contact/plating
, with spacer for straight PCB)
D*MA = Crimp & Hi-Density PCB Industrial/
Commercial Version
D*MAM =
Crimp/Hi-Density PCB Mil version
(50 microinch gold contact plating)
• Hardware Modifier
=0.120” (3,05mm) Through Hole
B =4-40 Female Screwlock
E =4-40 Clinchnut
K =0.162” (4,11mm) Through Hole
X =M3 clinchnut
Y =Dual Float Mount
* =Shell Sizes are E, A, B, C, D
• Layouts
*Standard Density (D*M, D*MM) 9, 15, 25, 37, 50
*High Density (D*MA, D*MAM) 15, 26, 44, 62, 78, 104
• Gender
P = Male Plug, Pin
S = Female Receptacle, Socket
FO - Without contacts - D*MA crimp versions only
• Modifier (standard)
Yellow chromate over zinc shells
A197
Tin over Nickel shells (receptacles only) (RoHS)
F224
Epoxy sealing of insulator to shell and contacts
F225
303 Stainless steel, passivated
(Thru hole only)
K52
50 gold over copper plating on shells and contacts
K87
Tin, dimpled shells (plugs only) (RoHS) (US only)
K128
K52 gold plating on Aluminum Shells, Nickel Under Plate
F216
Machined Aluminum Shells, Nickel Under Plate
A101
Yellow chromate over cadmium
• Residual Magnetism/Outgassing
NMB- 200 Gamma Max. Residual Magnetism/<1% TML
• PC Tail Modifier (Standard Density)
= Solder cup (D*M/D*MM)
A = 90° PCB contact w/Plastic Bracket (.99" - .154" lg by .040" Ø)
B = Straight PCB contact (.99" - .154" lg by .040" Ø)
C = 90° PCB contact w/o Plastic Bracket (.99" - .154"" lg by .040" Ø)
D = 90° PCB contact w/Plastic Bracket (.99" - .154" lg by .030" Ø)
E = Straight PCB contact (.99" - .154" lg by .030" Ø)
F = 90° PCB contact w/o Plastic Bracket (.99" - .154" lg by .030" Ø)
G = 90° PCB contact w/Plastic Bracket (.130" - .185" lg by .040" Ø)
H = Straight PCB contact (.130" - .185" lg by .040" Ø)
K = 90° PCB contact w/o Plastic Bracket (.130" - .185" lg by .040" Ø)
L = 90° PCB contact w/Plastic Bracket (.130" - .185" lg by .030" Ø)
M = Straight PCB contact (.130" - .185" lg by .040" Ø)
P = 90° PCB contact w/o Plastic Bracket (.130" - .185" lg by .030" Ø)
R = 90° PCB contact w/o Plastic Bracket (.155" - .210" lg by .030" Ø)
S = 90° PCB contact w/Plastic Bracket (.155" - .210" lg by .030" Ø)
W = 90° PCB contact w/Plastic Bracket (.155" - .210" lg by .040" Ø)
X = Straight PCB contact (.155" - .210" lg by .030" Ø)
Z = Straight PCB contact(.155" - .210" lg by .040" Ø)
F179 = Straight square PCB or wire wrap contact (.375" by .024")
F179A = Straight square PCB or wire wrap contact (.500" by .024")
PC Tail Modifier (High Density)
**L = 90° PCB contact w/Plastic Bracket (.140" lg by .021" Ø)
**M = Straight PCB contact (.140" lg by .021" Ø)
**P = 90° PCB contact w/o Plastic Bracket (.140" lg by .021" Ø)
R
= 90° PCB contact w/o Plastic Bracket (.197" lg by .021" Ø)
S
= 90° PCB contact w/Plastic Bracket (.197" lg by .021" Ø)
Z/OL3 = Straight PCB contact (.197" lg by .021" Ø)
* 104 Position Available in Machined Aluminum Shells only
* = Crimp (D*MA, D*MAM)
* = Shell Sizes are E, A, B, C, D, F
(F available in high density aluminum
only)
** = Legacy Tail Modifiers “D”, “E” and “F” have been replaced by Tail
Modifiers
“L”, “M” and “P” respectively
ca_C1-C61.qxd:Layout 1
2/10/11
9:32 AM
Page 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com