Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM98714CCMT/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM98714CCMT/NOPB
Description  LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM98714CCMT/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM98714CCMT/NOPB Datasheet HTML 1Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 2Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 3Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 4Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 5Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 6Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 7Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 8Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 114 page
background image
OSR
OSG
OSB
CLKOUT/CLK10
CLK4
VCLP
VREFB
VREFT
VA
VR
VD
VC
DGND
AGND
DVB
DOUT0/TXOUT0-
DOUT1/TXOUT0+
DOUT2/TXOUT1-
DOUT3/TXOUT1+
DOUT4/TXOUT2-
DOUT5/TXOUT2+
DOUT6/TXCLK-
DOUT7/TXCLK+
SDIO
SCLK
INCLK+
INCLK-
CLK5
CLK6
CLK7
CLK8
CLK9
DGND
DGND
CLK3
CLK2
CLK1
SH
RESET
SH_R
SEN
VA
AGND
VA
AGND
AGND
AGND
AGND
48 Pin TSSOP
(not to scale)
6
5
4
3
2
1
12
11
10
9
8
7
18
17
16
15
14
13
24
23
22
21
20
19
43
44
45
46
47
48
37
38
39
40
41
42
31
32
33
34
35
36
25
26
27
28
29
30
LM98714
www.ti.com
SNAS254A – OCTOBER 2006 – REVISED JANUARY 2014
LM98714 Pin Out Diagram
Figure 3. LM98714 Pin Out Diagram
Copyright © 2006–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM98714



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com