Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM98714CCMT/NOPB Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # LM98714CCMT/NOPB
Description  LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM98714CCMT/NOPB Datasheet(HTML) 63 Page - Texas Instruments

Back Button LM98714CCMT/NOPB Datasheet HTML 59Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 60Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 61Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 62Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 63Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 64Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 65Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 66Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 114 page
background image
LM98714
www.ti.com
SNAS254A – OCTOBER 2006 – REVISED JANUARY 2014
Serial Interface
A serial interface is used to write and read the configuration registers. The interface is a three wire interface
using SCLK, SEN, and SDIO connections. The main input clock (INCLK) to the LM98714 must be active during
all Serial Interface commands.
WRITING TO THE SERIAL REGISTERS
To write to the serial registers, the timing diagram shown in Figure 61 must be met. First, SEN is toggled low.
The LM98714 assumes control of the SDIO pin during the first eight clocks of the command. During this period,
data is clocked out of the device at the rising edge of SCLK. The eight bit value clocked out is the contents of the
previously addressed register, regardless if the previous command was a read or a write. At the rising edge of
ninth clock, the LM98714 releases control of the SDIO pin. At the falling edge of the ninth clock period, the
master should assume control of the SDIO pin and begin issuing the new command. SDIO is clocked into the
LM98714 at the rising edge of SCLK. The remaining bits are composed of the “write” command bit (a zero), two
device address bits (zeros for the LM98714), five bit register address to be written, and the eight bit register
value to be written. When SEN toggles high, the register is written to, and the LM98714 now functions with this
new data.
Figure 61. Serial Write
Copyright © 2006–2014, Texas Instruments Incorporated
Submit Documentation Feedback
63
Product Folder Links: LM98714



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com