Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM98714CCMT/NOPB Datasheet(PDF) 82 Page - Texas Instruments

Click here to check the latest version.
Part # LM98714CCMT/NOPB
Description  LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM98714CCMT/NOPB Datasheet(HTML) 82 Page - Texas Instruments

Back Button LM98714CCMT/NOPB Datasheet HTML 78Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 79Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 80Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 81Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 82Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 83Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 84Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 85Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 114 page
background image
LM98714
SNAS254A – OCTOBER 2006 – REVISED JANUARY 2014
www.ti.com
Table 16. (continued)
Address
Register
Default
Page
Bit(s)
Description
(Binary)
Title
(Binary)
The eight bit byte selected by the 5:1 PGA MUX in Mode 1a during Color 4 lines.
Color 4
0101
1
0 0011
[7:0]
PGA
0100
Not used in Mode 1b, Mode 2 or Mode 3.
The eight bit byte selected by the 5:1 PGA MUX in Mode 1a during Color 5 lines.
Color 5
0101
1
0 0100
[7:0]
PGA
0100
Not used in Mode 1b, Mode 2 or Mode 3.
The MSBs selected by the 5:1 DAC MUX in Mode 1a during Color 1 lines.
Color 1
1000
1
0 0101
Black Level
[7:0]
In Mode 1b/c, Mode 2 or Mode 3, the register used to define the DAC setting for the OSR input. The DAC value is
0000
DAC MSB
in offset Binary format.
[7:0]
Color 1 Black Level DAC LSB
[7:2]
Not Used
Color 1
0000
1
0 0110
Black Level
The LSBs selected by the 5:1 DAC MUX in Mode 1a during Color 1 lines.
0000
DAC LSB
[1:0]
In Mode 1b, Mode 2 or Mode 3, the register used to define the DAC setting for the OSR input. The DAC value is in
offset Binary format.
The MSBs selected by the 5:1 DAC MUX in Mode 1a during Color 2 lines.
Color 2
1000
1
0 0111
Black Level
[7:0]
In Mode 1b, Mode 2 or Mode 3, the register used to define the DAC setting for the OSG input. The DAC value is in
0000
DAC MSB
offset Binary format.
[7:0]
Color 2 Black Level DAC LSB
[7:2]
Not Used
Color 2
0000
1
0 1000
Black Level
The LSBs selected by the 5:1 DAC MUX in Mode 1a during Color 2 lines.
0000
DAC LSB
[1:0]
In Mode 1b, Mode 2 or Mode 3, the register used to define the DAC setting for the OSG input. The DAC value is in
offset Binary format.
The MSBs selected by the 5:1 DAC MUX in Mode 1a during Color 3 lines.
Color 3
1000
1
0 1001
Black Level
[7:0]
In Mode 1b, Mode 2 or Mode 3, the register used to define the DAC setting for the OSB input. The DAC value is in
0000
DAC MSB
offset Binary format.
[7:0]
Color 3 Black Level DAC LSB
[7:2]
Not Used
Color 3
0000
1
0 1010
Black Level
The LSBs selected by the 5:1 DAC MUX in Mode 1a during Color 3 lines.
0000
DAC LSB
[1:0]
In Mode 1b, Mode 2 or Mode 3, the register used to define the DAC setting for the OSB input. The DAC value is in
offset Binary format.
Color 4
The MSBs selected by the 5:1 DAC MUX in Mode 1a during Color 4 lines.
1000
1
0 1011
Black Level
[7:0]
Not used in Mode 1b, Mode 2 or Mode 3. The DAC value is in offset Binary format.
0000
DAC MSB
[7:0]
Color 4 Black Level DAC LSB
Color 4
[7:2]
Not Used
0000
1
0 1100
Black Level
0000
The LSBs selected by the 5:1 DAC MUX in Mode 1a during Color 4 lines.
DAC LSB
[1:0]
Not used in Mode 1b, Mode 2 or Mode 3. The DAC value is in offset Binary format.
82
Submit Documentation Feedback
Copyright © 2006–2014, Texas Instruments Incorporated
Product Folder Links: LM98714



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com