Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM98714CCMT/NOPB Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # LM98714CCMT/NOPB
Description  LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM98714CCMT/NOPB Datasheet(HTML) 33 Page - Texas Instruments

Back Button LM98714CCMT/NOPB Datasheet HTML 29Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 30Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 31Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 32Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 33Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 34Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 35Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 36Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 114 page
background image
LM98714
www.ti.com
SNAS254A – OCTOBER 2006 – REVISED JANUARY 2014
Internal Sample Timing
A typical CCD input signal is depicted in Figure 22 and Figure 23. Also shown are the internally generated
SAMPLE and CLAMP pulses. These signals provide the sampling points of the input signal (OSX). The timing of
SAMPLE and CLAMP is derived from an internal system clock (SYSCLK).
The pixel’s reference level input (depicted as VREF) is captured by the falling edge of the CLAMP pulse. In
Sample/Hold Mode the VREF input is a sample of the VCLP DC voltage. In CDS Mode the CLAMP pulse samples
the pedestal Level of the CCD output waveform.
The pixel’s signal level input (depicted as VSIG) is captured by the SAMPLE pulse. In either Sample/Hold or CDS
Mode, the VSIG input is the signal level of the CCD output waveform.
The LM98714 provides fine adjustment of the CLAMP and SAMPLE pulse placement within the pixel period. This
allows the user to program the optimum location of the CLAMP and SAMPLE falling edges. In CDS mode, both
CLAMP and SAMPLE are independently adjustable for each channel in use. In Sample/Hold mode, CLAMP is
coincident with SAMPLE by default, but is also independently adjustable. The available fine tuning locations for
CLAMP and SAMPLE are shown in Figure 24 through Figure 29 for each sampling mode (CDS or S/H) and
channel mode (3, 2, or 1 Channel).
Figure 22. Pixel Sampling in CDS Mode
Figure 23. Pixel Sampling in S/H Mode
Copyright © 2006–2014, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: LM98714



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com