Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM98714CCMT/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM98714CCMT/NOPB
Description  LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM98714CCMT/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM98714CCMT/NOPB Datasheet HTML 1Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 2Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 3Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 4Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 5Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 6Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 7Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 8Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 114 page
background image
LM98714
CCD Timing
Generator
Analog Front End
CCD/CIS Sensor
Sensor Drivers
Image Processor/ASIC
Data Output
SPI
Motor
Controllers
LM98714
www.ti.com
SNAS254A – OCTOBER 2006 – REVISED JANUARY 2014
LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output and
Integrated CCD/CIS Sensor Timing Generator
Check for Samples: LM98714
1
FEATURES
DESCRIPTION
The LM98714 is a fully integrated, high performance
2
•
LVDS/CMOS Outputs
16-Bit, 45 MSPS signal processing solution for digital
•
LVDS/CMOS Pixel Rate Input Clock or ADC
color copiers, scanners, and other image processing
Input Clock
applications.
High-speed
signal
throughput
is
•
CDS or S/H Processing for CCD or CIS
achieved with an innovative architecture utilizing
Correlated
Double
Sampling
(CDS),
typically
Sensors
employed with CCD arrays, or Sample and Hold
•
Independent Gain/Offset Correction for Each
(S/H) inputs (for Contact Image Sensors and CMOS
Channel
image sensors). The signal paths utilize 8 bit
•
Digital Black Level Correction Loop for Each
Programmable Gain Amplifiers (PGA), a ±9-Bit offset
Channel
correction DAC and independently controlled Digital
Black Level correction loops for each input. The PGA
•
Programmable Input Clamp Voltage
and offset DAC are programmed independently
•
Flexible CCD/CIS Sensor Timing Generator
allowing unique values of gain and offset for each of
the three inputs. The signals are then routed to a
APPLICATIONS
45MHz high performance analog-to-digital converter
(ADC). The fully differential processing channel
•
Multi-Function Peripherals
shows exceptional noise immunity, having a very low
•
Facsimile Equipment
noise floor of –74dB. The 16-bit ADC has excellent
•
Flatbed or Handheld Color Scanners
dynamic
performance
making
the
LM98714
transparent in the image reproduction chain.
•
High-Speed Document Scanner
KEY SPECIFICATIONS
•
Maximum Input Level: 1.2 or 2.4 Volt Modes
–
(Both with + or - Polarity Option)
•
ADC Resolution: 16-Bit
•
ADC Sampling Rate: 45 MSPS
•
INL: ±23 LSB (Typ)
Figure 1. System Block Diagram
•
Channel Sampling Rate: 15/22.5/30 MSPS
•
PGA Gain Steps: 256 Steps
•
PGA Gain Range: 0.7 to 7.84x
•
Analog DAC Resolution: ±9 Bits
•
Analog DAC Range: ±300mV or ±600mV
•
Digital DAC Resolution: ±6 Bits
•
Digital DAC Range: -1024 LSB to + 1008 LSB
•
SNR: -74dB (@ 0 dB PGA Gain)
•
Power Dissipation: 505 mW (LVDS) 610 mW
(CMOS)
•
Operating Temp: 0 to 70°C
•
Supply Voltage: 3.3 V Nominal (3.0 V to 3.6 V
Range)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2014, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM98714CCMT/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM98714CCMT TI-LM98714CCMT Datasheet
733Kb / 17P
LM98714 Three Channel, 16-Bit, 45 MSPS Digital Copier Analog Front End with Integrated CCD/CIS Sensor Timing Generator and LVDS Output
LM98714CCMT TI1-LM98714CCMT Datasheet
6Mb / 115P
LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
LM98714CCMTX TI-LM98714CCMTX Datasheet
733Kb / 17P
LM98714 Three Channel, 16-Bit, 45 MSPS Digital Copier Analog Front End with Integrated CCD/CIS Sensor Timing Generator and LVDS Output
LM98714CCMTX TI1-LM98714CCMTX Datasheet
6Mb / 115P
LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
More results

Similar Description - LM98714CCMT/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM98714 NSC-LM98714 Datasheet
598Kb / 12P
Three Channel, 16-Bit, 45 MSPS Digital Copier Analog Front End with Integrated CCD/CIS Sensor Timing Generator and LVDS Output
LM98722 NSC-LM98722 Datasheet
481Kb / 14P
3 Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output, Integrated CCD/CIS Sensor Timing Generator and Spread Spectrum Clock Generation
logo
Texas Instruments
LM98640 TI1-LM98640 Datasheet
1Mb / 47P
Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
LM98640QML TI1-LM98640QML Datasheet
1Mb / 52P
Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
LM98714CCMTX TI-LM98714CCMTX Datasheet
733Kb / 17P
LM98714 Three Channel, 16-Bit, 45 MSPS Digital Copier Analog Front End with Integrated CCD/CIS Sensor Timing Generator and LVDS Output
LM98714 TI1-LM98714_14 Datasheet
6Mb / 115P
LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
LM98722 TI1-LM98722_14 Datasheet
708Kb / 20P
3 Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output Integrated CCD/CIS Sensor Timing Generator and Spread Spectrum Clock Generation
LM98722 TI1-LM98722_15 Datasheet
5Mb / 150P
Channel, 16-Bit, 45 MSPS Analog Front End
LM98640 TI1-LM98640_14 Datasheet
804Kb / 46P
Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
LM98640QML-SP TI1-LM98640QML-SP Datasheet
573Kb / 54P
Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com