Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM98714CCMT/NOPB Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # LM98714CCMT/NOPB
Description  LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM98714CCMT/NOPB Datasheet(HTML) 30 Page - Texas Instruments

Back Button LM98714CCMT/NOPB Datasheet HTML 26Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 27Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 28Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 29Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 30Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 31Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 32Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 33Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 114 page
background image
INCLK = ADCCLK
PIXPHASE0 (default)
Main Configutation Reg 1
Bit[1:0] = 2'b00
T
ADCCLK
t
PIXPHASE0 = TSYSCLK * 0
PIXPHASE1
Main Configutation Reg 1
Bit[1:0] = 2'b01
PIXPHASE2
Main Configutation Reg 1
Bit[1:0] = 2'b10
PIXPHASE3
Main Configutation Reg 1
Bit[1:0] = 2'b11
f
SYSCLK = 7 * fADCCLK = 21 * fPIXCLK
(In Mode 3)
INCLK = PIXCLK
SYSCLK
(Internal system clock)
t
PIXPHASE1 = TSYSCLK * 3
t
PIXPHASE2 = TSYSCLK * 7
t
PIXPHASE3 = TSYSCLK * 10
T
PIXCLK
t
CCD Output = ?
CCD Output
(Input to AFE)
The CCD output will usually have a measurable delay with respect to the input clock to the AFE. The AFE’s internal sampling cl
ocks are based on one of four PIXPHASE clocks. These
PIXPHASE settings provide coarse adjustment of the internal AFE clock domain to best match the phase of the incoming CCD signal
. Fine adjustment of the sampling clocks is discussed
in another section. In this example above, PIXPHASE2 appears to provide the closest match for the incoming CCD signal.
SH
(Output from CCD
Timing Generator)
t
SHFP
LM98714
SNAS254A – OCTOBER 2006 – REVISED JANUARY 2014
www.ti.com
The four available Coarse Pixel Phases (PIXPHASE0 - PIXPHASE3) are depicted in Figure 19 (Mode 3),
Figure 20 (Mode 2) and Figure 21 (Mode 1). Also shown in the diagrams are the external input clock (INCLK)
and a typical CCD output delayed from the input clock.
Figure 19. Mode 3 Coarse Pixel Adjustment
30
Submit Documentation Feedback
Copyright © 2006–2014, Texas Instruments Incorporated
Product Folder Links: LM98714



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com