Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM98714CCMT/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM98714CCMT/NOPB
Description  LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM98714CCMT/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LM98714CCMT/NOPB Datasheet HTML 1Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 2Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 3Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 4Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 5Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 6Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 7Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 8Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 114 page
background image
LM98714
www.ti.com
SNAS254A – OCTOBER 2006 – REVISED JANUARY 2014
PIN DESCRIPTIONS(1)
Pin
Name
I/O
Typ
Res
Description
1
CLK3
O
D
PU
Configurable sensor control output.
2
CLK2
O
D
PD
Configurable sensor control output.
3
CLK1
O
D
PU
Configurable sensor control output.
4
SH
O
D
PD
Sensor - Shift or transfer control signal for CCD and CIS sensors.
5
RESET
I
D
PU
Active-low master reset. NC when function not being used.
6
SH_R
I
D
PD
External request for an SH pulse.
7
SDIO
I/O
D
Serial Interface Data Input
8
SCLK
I
D
PD
Serial Interface shift register clock.
9
SEN
I
D
PU
Active-low chip enable for the Serial Interface.
10
AGND
P
Analog ground return.
11
VA
P
Analog power supply. Bypass voltage source with 4.7
μF and pin with 0.1μF to AGND.
12
VREFB
O
A
Bottom of ADC reference. Bypass with a 0.1
μF capacitor to ground.
13
VREFT
O
A
Top of ADC reference. Bypass with a 0.1
μF capacitor to ground.
14
VA
P
Analog power supply. Bypass voltage source with 4.7
μF and pin with 0.1μF to AGND.
15
AGND
P
Analog ground return.
16
VCLP
IO
A
Input Clamp Voltage. Normally bypassed with a 0.1
μF, and a 4.7μF capacitor to AGND.
An external reference voltage may be applied to this pin.
16
VCLP
IO
A
Input Clamp Voltage. Normally bypassed with a 0.1
μF , and a 10μF capacitor to AGND.
An external reference voltage may be applied to this pin.
17
VA
P
Analog power supply. Bypass voltage source with 4.7
μF and pin with 0.1μF to AGND.
18
AGND
P
Analog ground return.
19
OSR
I
A
Analog input signal. Typically sensor Red output AC-coupled thru a capacitor.
20
AGND
P
Analog ground return.
21
OSG
I
A
Analog input signal. Typically sensor Green output AC-coupled thru a capacitor.
22
AGND
P
Analog ground return.
23
OSB
I
A
Analog input signal. Typically sensor Blue output AC-coupled thru a capacitor.
24
AGND
P
Analog ground return.
25
DGND
P
Digital ground return.
26
VR
P
Power supply input for internal voltage reference generator. Bypass this supply pin with a
0.1
μF capacitor.
27
DVB
O
D
Digital Core Voltage bypass. Not an input. Bypass with 0.1
μF capacitor to DGND.
28
INCLK+
I
D
Clock Input. Non-Inverting input for LVDS clocks or CMOS clock input. CMOS clock is
selected when pin 29 is held at DGND, otherwise clock is configured for LVDS operation.
29
INCLK-
I
D
Clock Input. Inverting input for LVDS clocks, connect to DGND for CMOS clock.
30
DOUT7/
O
D
Bit 7 of the digital video output bus in CMOS Mode, LVDS Frame Clock+ in LVDS Mode.
TXCLK+
31
DOUT6/
O
D
Bit 6 of the digital video output bus in CMOS Mode, LVDS Frame Clock- in LVDS Mode.
TXCLK-
32
DOUT5/
O
D
Bit 5 of the digital video output bus in CMOS Mode, LVDS Data Out2+ in LVDS Mode.
TXOUT2+
33
DOUT4/
O
D
Bit 4 of the digital video output bus in CMOS Mode, LVDS Data Out2- in LVDS Mode.
TXOUT2-
34
DOUT3/
O
D
Bit 3 of the digital video output bus in CMOS Mode, LVDS Data Out1+ in LVDS Mode.
TXOUT1+
35
DOUT2/
O
D
Bit 2 of the digital video output bus in CMOS Mode, LVDS Data Out1- in LVDS Mode.
TXOUT1-
(1)
(I=Input), (O=Output), (IO=Bi-directional), (P=Power), (D=Digital), (A=Analog), (PU=Pull Up with an internal resistor), (PD=Pull Down
with an internal resistor.).
Copyright © 2006–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM98714



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com