Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM98714CCMT/NOPB Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # LM98714CCMT/NOPB
Description  LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM98714CCMT/NOPB Datasheet(HTML) 49 Page - Texas Instruments

Back Button LM98714CCMT/NOPB Datasheet HTML 45Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 46Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 47Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 48Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 49Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 50Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 51Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 52Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 114 page
background image
LM98714
www.ti.com
SNAS254A – OCTOBER 2006 – REVISED JANUARY 2014
PIX SIGNAL GENERATOR OR/NOR MODES
As shown in Figure 32, the PIX signal generators outputs can be used in their normal form and sent to the
LM98714 output pins, or, they can be sent through an additional layer of OR and NOR logic to provide a number
of clocking variations. The OR and NOR combinations of multiple PIX signals can be useful for such modes as
pixel lumping, or other modes where more complicated phi clocks are required.
The OR and NOR functions are chosen through the PIX OR/NOR Control 1 and PIX OR/NOR Control 2 registers
on Page 4 of the serial interface register map. When all of the OR/NOR control bits are 0 (default) the PIX
signals are sent directly from the pix signal generators to the output pins configured by the Output Mapping
Control registers (register Page 3). When an OR/NOR control bit is set to 1, the OR or NOR product of multiple
pix signal generators is routed to the output pin described in the register details.
SH2 AND SH3 GENERATION
In some sensors, there is a requirement for up to three “SH” type signals. The LM98714 CCD Timing Generator
can be configured to produce optional SH signals as shown in Figure 46, these SH signals (SH2 and SH3) toggle
every other line and are coincident with the original SH pulse.
Figure 46. SH2 and SH3 Generation
The “Start Scan (BOS)” request bit is used to begin the proper sequence of CCD Timing outputs at the beginning
of a scan. The first line of pixels are being processed by the CCD during the first integration period (after the first
SH). The BOS signal (internal to the LM98714) occurs at the second SH to signal when the first line of pixels are
actually shifting out of the CCD and in to the AFE. The SH2 pulse is synchronized with the BOS signal and
continues to toggle on an every other line basis. The SH3 signal occurs on opposite lines from SH2.
The SH2 and SH3 signals are available in place of the Lamp IR1 and Lamp IR2 outputs respectively. The routing
of SH2 and SH3 is depicted in Figure 32. The use of SH2 and SH3 is selected by the SH2/SH3 Control register
(0x0F) on Page 4 of the register map.
Figure 47. Sensor Control Outputs
Copyright © 2006–2014, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Links: LM98714



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com