Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM98714CCMT/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM98714CCMT/NOPB
Description  LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM98714CCMT/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM98714CCMT/NOPB Datasheet HTML 3Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 4Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 5Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 6Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 7Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 8Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 9Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 10Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 114 page
background image
VA
AGND
To Internal Circuitry
I/O
LM98714
www.ti.com
SNAS254A – OCTOBER 2006 – REVISED JANUARY 2014
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Supply Voltage (VA,VR,VD,VC)
4.2 V
Voltage on Any Input Pin (Not to exceed 4.2 V)(3)
−0.3 V to (VA + 0.3 V)
Voltage on Any Output Pin (execpt DVB and not to exceed 4.2 V)
−0.3 V to (VA + 0.3 V)
DVB Output Pin Voltage
2.0V
Input Current at any pin other than Supply Pins(4)
±25 mA
Package Input Current (except Supply Pins) (4)
±50 mA
Maximum Junction Temperature (TA)
150°C
Thermal Resistance (
θJA)
66°C/W
Package Dissipation at TA = 25°C
(5)
1.89 W
Human Body Model
2500 V
ESD Rating(6)
Machine Model
250 V
Storage Temperature
−65°C to +150°C
Soldering process must comply with Texas Instruments’ Reflow Temperature Profile specifications. Refer to www.ti.com/packaging (7)
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the
Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions. Operation of the device beyond the Operating Ratings is not
recommended.
(2)
All voltages are measured with respect to AGND = DGND = 0V, unless otherwise specified.
(3)
The analog inputs are protected as shown below. Input voltage magnitudes beyond the supply rails will not damage the device, provided
the current is limited per note 3. However, input errors will be generated If the input goes above VA and below AGND.
(4)
When the input voltage (VIN) at any pin exceeds the power supplies (VIN < GND or VIN > VA or VD), the current at that pin should be
limited to 25 mA. The 50 mA maximum package input current rating limits the number of pins that can simultaneously safely exceed the
power supplies with an input current of 25 mA to two.
(5)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA and the ambient temperature,
TA. The maximum allowable power dissipation at any temperature is PD = (TJMAX – TA)/θJA. The values for maximum power dissipation
listed above will be reached only when the device is operated in a severe fault condition (for example, when input or output pins are
driven beyond the power supply voltages, or the power supply polarity is reversed). Such conditions should always be avoided.
(6)
Human body model is 100 pF capacitor discharged through a 1.5 k
Ω resistor. Machine model is 220 pF discharged through 0 Ω.
(7)
Reflow temperature profiles are different for lead-free and non-lead-free packages.
Operating Ratings
(1) (2)
Operating Temperature Range
0°C
≤ TA ≤ +70°C
All Supply Voltage
+3.0 V to +3.6 V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the
Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions. Operation of the device beyond the Operating Ratings is not
recommended.
(2)
All voltages are measured with respect to AGND = DGND = 0V, unless otherwise specified.
Copyright © 2006–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM98714



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com