Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM98714CCMT/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM98714CCMT/NOPB
Description  LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM98714CCMT/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM98714CCMT/NOPB Datasheet HTML 5Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 6Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 7Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 8Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 9Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 10Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 11Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 12Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 114 page
background image
LM98714
www.ti.com
SNAS254A – OCTOBER 2006 – REVISED JANUARY 2014
Electrical Characteristics (continued)
The following specifications apply for VA = VD = VR = VC = 3.3V, CL = 10pF, and fINCLK = 15MHz unless otherwise specified.
Boldface limits apply for TA = TMIN to TMAX; all other limits TA = 25°C.
Symbol
Parameter
Conditions
Min
Typ(1)
Max
Units
Power Supply Specifications
VA Normal State
60
97
125
IA
VA Analog Supply Current
mA
VA Low Power State
12
23
32
(Powerdown)
VR Normal State
30
64
75
mA
(LVDS Outputs)
IR
VR Digital Supply Current
CMOS Output Data Format
15
47
55
mA
LVDS Output Data Format with
47
mA
Data Outputs Disabled
LVDS Output Data Format
0.05
mA
VD Digital Output Driver Supply
CMOS Output Data Format
ID
Current
(ATE Loading of CMOS Outputs
12
40
mA
> 50pF)
Typical sensor outputs: SH,
CLK1=
Φ1A, CLK2=Φ2A,
VC CCD Timing Generator Output
CLK3=
ΦB, CLK4=ΦC,
IC
0.5
12
mA
Driver Supply Current
CLK5=RS, CLK6=CP
(ATE Loading of CMOS Outputs
> 50pF)
LVDS Output Data Format
350
505
650
mW
CMOS Output Data Format (ATE
PWR
Average Power Dissipation
Loading of CMOS Outputs >
380
610
700
mW
50pF)
Input Sampling Circuit Specifications
CDS Gain=1x, PGA Gain=1x
2.3
VIN
Input Voltage Level
Vp-p
CDS Gain=2x, PGA Gain= 1x
1.22
Source Followers Off
50
70
CDS Gain = 1x
μA
(-70)
(-40)
OSX = VA (OSX = AGND)
Source Followers Off
75
105
Sample and Hold Mode Input Leakage
IIN_SH
CDS Gain = 2x
μA
Current
(-105)
(-75)
OSX = VA (OSX = AGND)
Source Followers On
-10
CDS Gain = 2x
-200
200
nA
-16
OSX = VA (OSX = AGND)
Sample/Hold Mode
CDS Gain = 1x
2.5
CSH
Equivalent Input Capacitance
pF
CDS Gain = 2x
4
(see Figure 12)
7
Source Followers Off
IIN_CDS
CDS Mode Input Leakage Current
-300
300
nA
OSX = VA (OSX = AGND)
(-25)
CLPIN Switch Resistance
RCLPIN
16
50
Ω
(OSX to VCLP Node in Figure 9)
VCLP Reference Circuit Specifications
VCLP DAC Resolution
4
Bits
VCLP DAC Step Size
0.16
V
VCLP Config.
VCLP DAC Voltage Min Output
0.14
0.26
0.43
V
Register = 0001 0000b
VCLP Config.
VVCLP
VCLP DAC Voltage Max Output
2.38
2.68
2.93
V
Register = 0001 1111b
VCLP Config.
Resistor Ladder Enabled
1.54
VA / 2
1.73
V
Register = 0010 xxxxb
VCLP DAC Short Circuit Output
VCLP Config.
ISC
30
mA
Current
Register = 0001 xxxxb
Copyright © 2006–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM98714



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com