Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C8051F830-GS Datasheet(PDF) 64 Page - Silicon Laboratories

Part # C8051F830-GS
Description  Mixed Signal ISP Flash MCU Family
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F830-GS Datasheet(HTML) 64 Page - Silicon Laboratories

Back Button C8051F830-GS Datasheet HTML 60Page - Silicon Laboratories C8051F830-GS Datasheet HTML 61Page - Silicon Laboratories C8051F830-GS Datasheet HTML 62Page - Silicon Laboratories C8051F830-GS Datasheet HTML 63Page - Silicon Laboratories C8051F830-GS Datasheet HTML 64Page - Silicon Laboratories C8051F830-GS Datasheet HTML 65Page - Silicon Laboratories C8051F830-GS Datasheet HTML 66Page - Silicon Laboratories C8051F830-GS Datasheet HTML 67Page - Silicon Laboratories C8051F830-GS Datasheet HTML 68Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 251 page
background image
C8051F80x-83x
64
Rev. 1.0
SFR Address = 0xC9
SFR Definition 11.1. REG0CN: Voltage Regulator Control
Bit
76543210
Name
STOPCF
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
00000000
Bit
Name
Function
7STOPCF
Stop Mode Configuration.
This bit configures the regulator’s behavior when the device enters STOP mode.
0: Regulator is still active in STOP mode. Any enabled reset source will reset the
device.
1: Regulator is shut down in STOP mode. Only the RST pin or power cycle can reset
the device.
6:0
Reserved Must write to 0000000b.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com