Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C8051F830-GS Datasheet(PDF) 35 Page - Silicon Laboratories

Part # C8051F830-GS
Description  Mixed Signal ISP Flash MCU Family
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F830-GS Datasheet(HTML) 35 Page - Silicon Laboratories

Back Button C8051F830-GS Datasheet HTML 31Page - Silicon Laboratories C8051F830-GS Datasheet HTML 32Page - Silicon Laboratories C8051F830-GS Datasheet HTML 33Page - Silicon Laboratories C8051F830-GS Datasheet HTML 34Page - Silicon Laboratories C8051F830-GS Datasheet HTML 35Page - Silicon Laboratories C8051F830-GS Datasheet HTML 36Page - Silicon Laboratories C8051F830-GS Datasheet HTML 37Page - Silicon Laboratories C8051F830-GS Datasheet HTML 38Page - Silicon Laboratories C8051F830-GS Datasheet HTML 39Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 251 page
background image
Rev. 1.0
35
C8051F80x-83x
5. QSOP-24 Package Specifications
Figure 5.1. QSOP-24 Package Drawing
Table 5.1. QSOP-24 Package Dimensions
Dimension
Min
Nom
Max
Dimension
Min
Nom
Max
A
—
—
1.75
L
0.40
—
1.27
A1
0.10
—
0.25
L2
0.25 BSC
b
0.20
—
0.30
0º
—
8º
c0.10
—
0.25
aaa
0.20
D
8.65 BSC
bbb
0.18
E
6.00 BSC
ccc
0.10
E1
3.90 BSC
ddd
0.10
e
0.635 BSC
Notes:
1. All dimensions shown are in millimeters (mm) unless otherwise noted.
2. Dimensioning and Tolerancing per ANSI Y14.5M-1994.
3. This drawing conforms to JEDEC outline MO-137, variation AE.
4. Recommended card reflow profile is per the JEDEC/IPC J-STD-020 specification for Small Body
Components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com