Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C8051F830-GS Datasheet(PDF) 76 Page - Silicon Laboratories

Part # C8051F830-GS
Description  Mixed Signal ISP Flash MCU Family
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F830-GS Datasheet(HTML) 76 Page - Silicon Laboratories

Back Button C8051F830-GS Datasheet HTML 72Page - Silicon Laboratories C8051F830-GS Datasheet HTML 73Page - Silicon Laboratories C8051F830-GS Datasheet HTML 74Page - Silicon Laboratories C8051F830-GS Datasheet HTML 75Page - Silicon Laboratories C8051F830-GS Datasheet HTML 76Page - Silicon Laboratories C8051F830-GS Datasheet HTML 77Page - Silicon Laboratories C8051F830-GS Datasheet HTML 78Page - Silicon Laboratories C8051F830-GS Datasheet HTML 79Page - Silicon Laboratories C8051F830-GS Datasheet HTML 80Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 251 page
background image
C8051F80x-83x
76
Rev. 1.0
SFR Address = 0x9E
SFR Definition 13.2. CS0CF: Capacitive Sense Configuration
Bit
76543210
Name
CS0CM[2:0]
CS0ACU[2:0]
Type
R
R/W
R/W
R/W
R
R/W
R/W
R/W
Reset
00000000
Bit
Name
Description
7
Unused
Read = 0b; Write = Don’t care
6:4
CS0CM[2:0]
CS0 Start of Conversion Mode Select.
000: Conversion initiated on every write of 1 to CS0BUSY.
001: Conversion initiated on overflow of Timer 0.
010: Conversion initiated on overflow of Timer 2.
011: Conversion initiated on overflow of Timer 1.
100: Reserved.
101: Reserved.
110: Conversion initiated continuously after writing 1 to CS0BUSY.
111: Auto-scan enabled, conversions initiated continuously after writing 1 to
CS0BUSY.
3
Unused
Read = 0b; Write = Don’t care
2:0
CS0ACU[2:0]
CS0 Accumulator Mode Select.
000: Accumulate 1 sample.
001: Accumulate 4 samples.
010: Accumulate 8 samples.
011: Accumulate 16 samples
100: Accumulate 32 samples.
101: Accumulate 64 samples.
11x: Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com