Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C8051F830-GS Datasheet(PDF) 28 Page - Silicon Laboratories

Part # C8051F830-GS
Description  Mixed Signal ISP Flash MCU Family
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F830-GS Datasheet(HTML) 28 Page - Silicon Laboratories

Back Button C8051F830-GS Datasheet HTML 24Page - Silicon Laboratories C8051F830-GS Datasheet HTML 25Page - Silicon Laboratories C8051F830-GS Datasheet HTML 26Page - Silicon Laboratories C8051F830-GS Datasheet HTML 27Page - Silicon Laboratories C8051F830-GS Datasheet HTML 28Page - Silicon Laboratories C8051F830-GS Datasheet HTML 29Page - Silicon Laboratories C8051F830-GS Datasheet HTML 30Page - Silicon Laboratories C8051F830-GS Datasheet HTML 31Page - Silicon Laboratories C8051F830-GS Datasheet HTML 32Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 251 page
background image
C8051F80x-83x
28
Rev. 1.0
3. Pin Definitions
Table 3.1. Pin Definitions for the C8051F80x-83x
Name
Pin
QSOP-24
Pin
QFN-20
Pin
SOIC-16
Type
Description
GND
5
2
4
Ground.
This ground connection is required. The center
pad may optionally be connected to ground as
well on the QFN-20 packages.
VDD
6
3
5
Power Supply Voltage.
RST/
7
4
6
D I/O
Device Reset. Open-drain output of internal
POR or VDD monitor. An external source can ini-
tiate a system reset by driving this pin low for at
least 10 µs.
C2CK
D I/O
Clock signal for the C2 Debug Interface.
P2.0/
8
5
7
D I/O
Bi-directional data signal for the C2 Debug Inter-
face. Shared with P2.0 on 20-pin packaging and
P2.4 on 24-pin packaging.
C2D
D I/O
Bi-directional data signal for the C2 Debug Inter-
face. Shared with P2.0 on 20-pin packaging and
P2.4 on 24-pin packaging.
P0.0/
4
1
3
D I/O or
A In
Port 0.0.
VREF
A In
External VREF input.
P0.1
3
20
2
D I/O or
A In
Port 0.1.
P0.2/
2
19
1
D I/O or
A In
Port 0.2.
XTAL1
A In
External Clock Input. This pin is the external
oscillator return for a crystal or resonator.
P0.3/
23
18
16
D I/O or
A In
Port 0.3.
XTAL2
A I/O or
D In
External Clock Output. For an external crystal or
resonator, this pin is the excitation driver. This
pin is the external clock input for CMOS, capaci-
tor, or RC oscillator configurations.
P0.4
22
17
15
D I/O or
A In
Port 0.4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com