Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C8051F830-GS Datasheet(PDF) 41 Page - Silicon Laboratories

Part # C8051F830-GS
Description  Mixed Signal ISP Flash MCU Family
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F830-GS Datasheet(HTML) 41 Page - Silicon Laboratories

Back Button C8051F830-GS Datasheet HTML 37Page - Silicon Laboratories C8051F830-GS Datasheet HTML 38Page - Silicon Laboratories C8051F830-GS Datasheet HTML 39Page - Silicon Laboratories C8051F830-GS Datasheet HTML 40Page - Silicon Laboratories C8051F830-GS Datasheet HTML 41Page - Silicon Laboratories C8051F830-GS Datasheet HTML 42Page - Silicon Laboratories C8051F830-GS Datasheet HTML 43Page - Silicon Laboratories C8051F830-GS Datasheet HTML 44Page - Silicon Laboratories C8051F830-GS Datasheet HTML 45Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 251 page
background image
Rev. 1.0
41
C8051F80x-83x
Table 7.3. Port I/O DC Electrical Characteristics
VDD = 1.8 to 3.6 V, –40 to +85 °C unless otherwise specified.
Parameters
Conditions
Min
Typ
Max
Units
Output High Voltage
IOH = –3 mA, Port I/O push-pull
IOH = –10 µA, Port I/O push-pull
IOH = –10 mA, Port I/O push-pull
VDD –0.7
VDD -0.1
—
—
—
VDD -0.8
—
—
—
V
V
V
Output Low Voltage
IOL = 8.5 mA
IOL = 10 µA
IOL = 25 mA
—
—
—
—
—
1.0
0.6
0.1
—
V
V
V
Input High Voltage
0.75 x VDD
——
V
Input Low Voltage
—
—
0.6
V
Input Leakage
Current
Weak Pullup Off
Weak Pullup On, VIN = 0 V
–1
—
—
15
1
50
µA
µA
Table 7.4. Reset Electrical Characteristics
VDD = 1.8 to 3.6 V, –40 to +85 °C unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Units
RST Output Low Voltage
IOL = 8.5 mA,
VDD = 1.8V to 3.6V
——
0.6
V
RST Input High Voltage
0.75 x VDD
——
V
RST Input Low Voltage
—
—
0.3 x VDD
VDD
RST Input Pullup Current
RST = 0.0 V
—
25
50
µA
VDD POR Ramp Time
—
—
1
ms
VDD Monitor Threshold (VRST)
1.7
1.75
1.8
V
Missing Clock Detector
Timeout
Time from last system clock
rising edge to reset initiation
100
500
1000
µs
Reset Time Delay
Delay between release of any
reset source and code
execution at location 0x0000
——
30
µs
Minimum RST Low Time to
Generate a System Reset
15
—
—
µs
VDD Monitor Turn-on Time
VDD = VRST – 0.1 V
—
50
—
µs
VDD Monitor Supply Current
—
20
30
µA
Table 7.5. Internal Voltage Regulator Electrical Characteristics
VDD = 3.0 V, –40 to +85 °C unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Units
Input Voltage Range
1.8
—
3.6
V
Bias Current
—
50
65
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com