Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C8051F830-GS Datasheet(PDF) 39 Page - Silicon Laboratories

Part # C8051F830-GS
Description  Mixed Signal ISP Flash MCU Family
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F830-GS Datasheet(HTML) 39 Page - Silicon Laboratories

Back Button C8051F830-GS Datasheet HTML 35Page - Silicon Laboratories C8051F830-GS Datasheet HTML 36Page - Silicon Laboratories C8051F830-GS Datasheet HTML 37Page - Silicon Laboratories C8051F830-GS Datasheet HTML 38Page - Silicon Laboratories C8051F830-GS Datasheet HTML 39Page - Silicon Laboratories C8051F830-GS Datasheet HTML 40Page - Silicon Laboratories C8051F830-GS Datasheet HTML 41Page - Silicon Laboratories C8051F830-GS Datasheet HTML 42Page - Silicon Laboratories C8051F830-GS Datasheet HTML 43Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 251 page
background image
Rev. 1.0
39
C8051F80x-83x
7. Electrical Characteristics
7.1. Absolute Maximum Specifications
Table 7.1. Absolute Maximum Ratings
Parameter
Conditions
Min
Typ
Max
Units
Ambient temperature under bias
–55
—
125
°C
Storage Temperature
–65
—
150
°C
Voltage on RST or any Port I/O Pin
with respect to GND
–0.3
—
5.8
V
Voltage on VDD with respect to GND
–0.3
—
4.2
V
Maximum Total current through VDD
and GND
——
500
mA
Maximum output current sunk by RST
or any Port pin
——
100
mA
Note: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the devices at those or any other conditions above
those indicated in the operation listings of this specification is not implied. Exposure to maximum rating
conditions for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com