Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C8051F830-GS Datasheet(PDF) 71 Page - Silicon Laboratories

Part # C8051F830-GS
Description  Mixed Signal ISP Flash MCU Family
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F830-GS Datasheet(HTML) 71 Page - Silicon Laboratories

Back Button C8051F830-GS Datasheet HTML 67Page - Silicon Laboratories C8051F830-GS Datasheet HTML 68Page - Silicon Laboratories C8051F830-GS Datasheet HTML 69Page - Silicon Laboratories C8051F830-GS Datasheet HTML 70Page - Silicon Laboratories C8051F830-GS Datasheet HTML 71Page - Silicon Laboratories C8051F830-GS Datasheet HTML 72Page - Silicon Laboratories C8051F830-GS Datasheet HTML 73Page - Silicon Laboratories C8051F830-GS Datasheet HTML 74Page - Silicon Laboratories C8051F830-GS Datasheet HTML 75Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 251 page
background image
Rev. 1.0
71
C8051F80x-83x
13. Capacitive Sense (CS0)
The Capacitive Sense subsystem included on the C8051F800/1/3/4/6/7/9, C8051F810/2/3/5/6/8/9,
C8051F821/2/4/5/7/8, C8051F830/1/3/4 uses a capacitance-to-digital circuit to determine the capacitance
on a port pin. The module can take measurements from different port pins using the module’s analog mul-
tiplexer. The multiplexer supports up to 16 channels. See SFR Definition 13.9. “CS0MX: Capacitive Sense
Mux Channel Select” on page 81 for channel availability for specific part numbers. The module is enabled
only when the CS0EN bit (CS0CN) is set to 1. Otherwise the module is in a low-power shutdown state. The
module can be configured to take measurements on one port pin or a group of port pins, using auto-scan.
An accumulator can be configured to accumulate multiple conversions on an input channel. Interrupts can
be generated when CS0 completes a conversion or when the measured value crosses a threshold defined
in CS0THH:L.
Figure 13.1. CS0 Block Diagram
16-Bit
Capacitance to
Digital Converter
Timer 0 Overflow
Timer 2 Overflow
Timer 1 Overflow
Start
Conversion
000
CS0BUSY (W)
CS0CMPF
001
010
011
100
Reserved
Greater Than
Compare Logic
101
Initiated continuously
CS0THH:L
CS0DH:L
Auto-Scan
Logic
CS0SS
CS0SE
CS0MX
22-Bit Accumulator
110
111
Initiated continuously
when auto-scan
enabled
Reserved
CS0CN
CS0CF
. . .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com