Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C8051F830-GS Datasheet(PDF) 65 Page - Silicon Laboratories

Part # C8051F830-GS
Description  Mixed Signal ISP Flash MCU Family
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F830-GS Datasheet(HTML) 65 Page - Silicon Laboratories

Back Button C8051F830-GS Datasheet HTML 61Page - Silicon Laboratories C8051F830-GS Datasheet HTML 62Page - Silicon Laboratories C8051F830-GS Datasheet HTML 63Page - Silicon Laboratories C8051F830-GS Datasheet HTML 64Page - Silicon Laboratories C8051F830-GS Datasheet HTML 65Page - Silicon Laboratories C8051F830-GS Datasheet HTML 66Page - Silicon Laboratories C8051F830-GS Datasheet HTML 67Page - Silicon Laboratories C8051F830-GS Datasheet HTML 68Page - Silicon Laboratories C8051F830-GS Datasheet HTML 69Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 251 page
background image
Rev. 1.0
65
C8051F80x-83x
12. Comparator0
C8051F80x-83x devices include an on-chip programmable voltage comparator, Comparator0, shown in
Figure 12.1.
The Comparator offers programmable response time and hysteresis, an analog input multiplexer, and two
outputs that are optionally available at the Port pins: a synchronous “latched” output (CP0), or an asyn-
chronous “raw” output (CP0A). The asynchronous CP0A signal is available even when the system clock is
not active. This allows the Comparator to operate and generate an output with the device in STOP mode.
When assigned to a Port pin, the Comparator output may be configured as open drain or push-pull (see
Section “23.4. Port I/O Initialization” on page 147). Comparator0 may also be used as a reset source (see
Section “21.5. Comparator0 Reset” on page 127).
The Comparator0 inputs are selected by the comparator input multiplexer, as detailed in Section
“12.1. Comparator Multiplexer” on page 69.
Figure 12.1. Comparator0 Functional Block Diagram
The Comparator output can be polled in software, used as an interrupt source, and/or routed to a Port pin.
When routed to a Port pin, the Comparator output is available asynchronous or synchronous to the system
clock; the asynchronous output is available even in STOP mode (with no system clock active). When dis-
abled, the Comparator output (if assigned to a Port I/O pin via the Crossbar) defaults to the logic low state,
and the power supply to the comparator is turned off. See Section “23.3. Priority Crossbar Decoder” on
page 143 for details on configuring Comparator outputs via the digital Crossbar. Comparator inputs can be
externally driven from –0.25 V to (VDD) + 0.25 V without damage or upset. The complete Comparator elec-
trical specifications are given in Section “7. Electrical Characteristics” on page 39.
VDD
Reset
Decision
Tree
+
-
Crossbar
Q
Q
SET
CLR
D
Q
Q
SET
CLR
D
(SYNCHRONIZER)
GND
CP0 +
CP0 -
CPT0MD
CP0
CP0A
CP0
Interrupt
0
1
0
1
CP0RIF
CP0FIF
0
1
CP0EN
0
1
EA
Comparator
Input Mux
CPT0CN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com