Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C8051F830-GS Datasheet(PDF) 40 Page - Silicon Laboratories

Part # C8051F830-GS
Description  Mixed Signal ISP Flash MCU Family
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F830-GS Datasheet(HTML) 40 Page - Silicon Laboratories

Back Button C8051F830-GS Datasheet HTML 36Page - Silicon Laboratories C8051F830-GS Datasheet HTML 37Page - Silicon Laboratories C8051F830-GS Datasheet HTML 38Page - Silicon Laboratories C8051F830-GS Datasheet HTML 39Page - Silicon Laboratories C8051F830-GS Datasheet HTML 40Page - Silicon Laboratories C8051F830-GS Datasheet HTML 41Page - Silicon Laboratories C8051F830-GS Datasheet HTML 42Page - Silicon Laboratories C8051F830-GS Datasheet HTML 43Page - Silicon Laboratories C8051F830-GS Datasheet HTML 44Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 251 page
background image
C8051F80x-83x
40
Rev. 1.0
7.2. Electrical Characteristics
Table 7.2. Global Electrical Characteristics
–40 to +85 °C, 25 MHz system clock unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Units
Supply Voltage
1.8
3.0
3.6
V
Digital Supply Current with
CPU Active (Normal Mode1)
VDD = 1.8 V, Clock = 25 MHz
VDD = 1.8 V, Clock = 1 MHz
VDD = 1.8 V, Clock = 32 kHz
VDD = 3.0 V, Clock = 25 MHz
VDD = 3.0 V, Clock = 1 MHz
VDD = 3.0 V, Clock = 32 kHz
—
—
—
—
—
—
4.6
1.2
135
5.5
1.3
150
6.0
—
—
6.5
—
—
mA
mA
µA
mA
mA
µA
Digital Supply Current with
CPU Inactive (Idle Mode1)
VDD = 1.8 V, Clock = 25 MHz
VDD = 1.8 V, Clock = 1 MHz
VDD = 1.8 V, Clock = 32 kHz
VDD = 3.0 V, Clock = 25 MHz
VDD = 3.0 V, Clock = 1 MHz
VDD = 3.0 V, Clock = 32 kHz
—
—
—
—
—
—
2
190
100
2.3
335
115
2.6
—
—
2.8
—
—
mA
µA
µA
mA
µA
µA
Digital Supply Current
(shutdown)
Oscillator not running (stop mode),
Internal Regulator Off, 25 °C
—0.5
2
µA
Oscillator not running (stop or suspend
mode), Internal Regulator On, 25 °C
—105
140
µA
Digital Supply RAM Data
Retention Voltage
—1.3
—
V
Specified Operating Tempera-
ture Range
–40
—
+85
°C
SYSCLK (system clock
frequency)
See Note 2
0
—
25
MHz
Tsysl (SYSCLK low time)
18
—
—
ns
Tsysh (SYSCLK high time)
18
—
—
ns
Notes:
1. Includes bias current for internal voltage regulator.
2. SYSCLK must be at least 32 kHz to enable debugging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com