Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C8051F830-GS Datasheet(PDF) 13 Page - Silicon Laboratories

Part # C8051F830-GS
Description  Mixed Signal ISP Flash MCU Family
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F830-GS Datasheet(HTML) 13 Page - Silicon Laboratories

Back Button C8051F830-GS Datasheet HTML 9Page - Silicon Laboratories C8051F830-GS Datasheet HTML 10Page - Silicon Laboratories C8051F830-GS Datasheet HTML 11Page - Silicon Laboratories C8051F830-GS Datasheet HTML 12Page - Silicon Laboratories C8051F830-GS Datasheet HTML 13Page - Silicon Laboratories C8051F830-GS Datasheet HTML 14Page - Silicon Laboratories C8051F830-GS Datasheet HTML 15Page - Silicon Laboratories C8051F830-GS Datasheet HTML 16Page - Silicon Laboratories C8051F830-GS Datasheet HTML 17Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 251 page
background image
Rev. 1.0
13
C8051F80x-83x
SFR Definition 21.2. RSTSRC: Reset Source ............................................................ 128
SFR Definition 22.1. CLKSEL: Clock Select ............................................................... 130
SFR Definition 22.2. OSCICL: Internal H-F Oscillator Calibration .............................. 131
SFR Definition 22.3. OSCICN: Internal H-F Oscillator Control ................................... 132
SFR Definition 22.4. OSCXCN: External Oscillator Control ........................................ 134
SFR Definition 23.1. XBR0: Port I/O Crossbar Register 0 .......................................... 148
SFR Definition 23.2. XBR1: Port I/O Crossbar Register 1 .......................................... 149
SFR Definition 23.3. P0MASK: Port 0 Mask Register ................................................. 151
SFR Definition 23.4. P0MAT: Port 0 Match Register .................................................. 151
SFR Definition 23.5. P1MASK: Port 1 Mask Register ................................................. 152
SFR Definition 23.6. P1MAT: Port 1 Match Register .................................................. 152
SFR Definition 23.7. P0: Port 0 ................................................................................... 153
SFR Definition 23.8. P0MDIN: Port 0 Input Mode ....................................................... 154
SFR Definition 23.9. P0MDOUT: Port 0 Output Mode ................................................ 154
SFR Definition 23.10. P0SKIP: Port 0 Skip ................................................................. 155
SFR Definition 23.11. P1: Port 1 ................................................................................. 155
SFR Definition 23.12. P1MDIN: Port 1 Input Mode ..................................................... 156
SFR Definition 23.13. P1MDOUT: Port 1 Output Mode .............................................. 156
SFR Definition 23.14. P1SKIP: Port 1 Skip ................................................................. 157
SFR Definition 23.15. P2: Port 2 ................................................................................. 157
SFR Definition 23.16. P2MDOUT: Port 2 Output Mode .............................................. 158
SFR Definition 24.1. CRC0CN: CRC0 Control ........................................................... 163
SFR Definition 24.2. CRC0IN: CRC Data Input .......................................................... 164
SFR Definition 24.3. CRC0DATA: CRC Data Output ................................................. 164
SFR Definition 24.4. CRC0AUTO: CRC Automatic Control ........................................ 165
SFR Definition 24.5. CRC0CNT: CRC Automatic Flash Sector Count ....................... 165
SFR Definition 24.6. CRC0FLIP: CRC Bit Flip ............................................................ 166
SFR Definition 25.1. SPI0CFG: SPI0 Configuration ................................................... 174
SFR Definition 25.2. SPI0CN: SPI0 Control ............................................................... 175
SFR Definition 25.3. SPI0CKR: SPI0 Clock Rate ....................................................... 176
SFR Definition 25.4. SPI0DAT: SPI0 Data ................................................................. 176
SFR Definition 26.1. SMB0CF: SMBus Clock/Configuration ...................................... 186
SFR Definition 26.2. SMB0CN: SMBus Control .......................................................... 188
SFR Definition 26.3. SMB0ADR: SMBus Slave Address ............................................ 191
SFR Definition 26.4. SMB0ADM: SMBus Slave Address Mask .................................. 191
SFR Definition 26.5. SMB0DAT: SMBus Data ............................................................ 192
SFR Definition 27.1. SCON0: Serial Port 0 Control .................................................... 206
SFR Definition 27.2. SBUF0: Serial (UART0) Port Data Buffer .................................. 207
SFR Definition 28.1. CKCON: Clock Control .............................................................. 210
SFR Definition 28.2. TCON: Timer Control ................................................................. 215
SFR Definition 28.3. TMOD: Timer Mode ................................................................... 216
SFR Definition 28.4. TL0: Timer 0 Low Byte ............................................................... 217
SFR Definition 28.5. TL1: Timer 1 Low Byte ............................................................... 217
SFR Definition 28.6. TH0: Timer 0 High Byte ............................................................. 218
SFR Definition 28.7. TH1: Timer 1 High Byte ............................................................. 218



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com