Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C8051F830-GS Datasheet(PDF) 101 Page - Silicon Laboratories

Part # C8051F830-GS
Description  Mixed Signal ISP Flash MCU Family
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F830-GS Datasheet(HTML) 101 Page - Silicon Laboratories

Back Button C8051F830-GS Datasheet HTML 97Page - Silicon Laboratories C8051F830-GS Datasheet HTML 98Page - Silicon Laboratories C8051F830-GS Datasheet HTML 99Page - Silicon Laboratories C8051F830-GS Datasheet HTML 100Page - Silicon Laboratories C8051F830-GS Datasheet HTML 101Page - Silicon Laboratories C8051F830-GS Datasheet HTML 102Page - Silicon Laboratories C8051F830-GS Datasheet HTML 103Page - Silicon Laboratories C8051F830-GS Datasheet HTML 104Page - Silicon Laboratories C8051F830-GS Datasheet HTML 105Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 251 page
background image
Rev. 1.0
101
C8051F80x-83x
SBUF0
0x99
UART0 Data Buffer
207
SCON0
0x98
UART0 Control
206
SMB0ADM
0xD6
SMBus Slave Address mask
191
SMB0ADR
0xD7
SMBus Slave Address
191
SMB0CF
0xC1
SMBus Configuration
186
SMB0CN
0xC0
SMBus Control
188
SMB0DAT
0xC2
SMBus Data
192
SP
0x81
Stack Pointer
89
SPI0CFG
0xA1
SPI0 Configuration
174
SPI0CKR
0xA2
SPI0 Clock Rate Control
176
SPI0CN
0xF8
SPI0 Control
175
SPI0DAT
0xA3
SPI0 Data
176
TCON
0x88
Timer/Counter Control
215
TH0
0x8C
Timer/Counter 0 High
218
TH1
0x8D
Timer/Counter 1 High
218
TL0
0x8A
Timer/Counter 0 Low
217
TL1
0x8B
Timer/Counter 1 Low
217
TMOD
0x89
Timer/Counter Mode
216
TMR2CN
0xC8
Timer/Counter 2 Control
222
TMR2H
0xCD
Timer/Counter 2 High
224
TMR2L
0xCC
Timer/Counter 2 Low
224
TMR2RLH
0xCB
Timer/Counter 2 Reload High
223
TMR2RLL
0xCA
Timer/Counter 2 Reload Low
223
VDM0CN
0xFF
VDD Monitor Control
126
XBR0
0xE1
Port I/O Crossbar Control 0
148
XBR1
0xE2
Port I/O Crossbar Control 1
149
All other SFR Locations
Reserved
Table 17.2. Special Function Registers (Continued)
SFRs are listed in alphabetical order. All undefined SFR locations are reserved
Register
Address
Description
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com