Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM1811A Datasheet(PDF) 38 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 38 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 34Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 35Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 36Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 37Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 38Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 39Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 40Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 41Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 42Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 328 page
background image
WM1811A
Production Data
w
PD, November 2013, Rev 4.1
38
The WM1811A has highly flexible digital audio interfaces, supporting a number of protocols, including
I
2S, DSP, MSB-first left/right justified, and can operate in master or slave modes. PCM operation is
supported in the DSP mode. A-law and
-law companding are also supported. Time division
multiplexing (TDM) is available to allow multiple devices to stream data simultaneously on the same
bus, saving space and power.
A powerful digital mixing core allows data from each audio interface channel and from the ADCs and
digital MICs to be mixed and re-routed back to a different audio interface and to the DAC output paths.
The digital mixing core can operate synchronously with either Audio Interface 1 or Audio Interface 2,
with asynchronous stereo full duplex sample rate conversion performed on the other audio interface
as required.
The system clock (SYSCLK) provides clocking for the ADCs, DACs, DSP core, digital audio interface
and other circuits. SYSCLK can be derived directly from one of the MCLK1 or MCLK2 pins or via one
of two integrated FLLs, providing flexibility to support a wide range of clocking schemes, including
self-clocking FLL modes. Typical portable system MCLK frequencies, and sample rates from 8kHz to
96kHz are all supported. A low frequency (eg. 32.768kHz) clock can be used as the input reference to
the FLLs, providing further flexibility. Automatic configuration of the clocking circuits is available,
derived from the sample rate and from the MCLK / SYSCLK ratio.
The WM1811A uses a standard 2-wire control interface, providing full software control of all features,
together with device register readback. It is an ideal partner for a wide range of industry standard
microprocessors, controllers and DSPs. Unused circuitry can be disabled under software control, in
order to save power; low leakage currents enable extended standby/off time in portable battery-
powered applications.
Versatile GPIO functionality is provided, with support for button/accessory detect inputs, or for clock,
system status, or programmable logic level output for control of additional external circuitry. Interrupt
logic, status readback and de-bouncing options are supported within this functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com