Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM1811A Datasheet(PDF) 90 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 90 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 86Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 87Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 88Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 89Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 90Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 91Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 92Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 93Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 94Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 328 page
background image
WM1811A
Production Data
w
PD, November 2013, Rev 4.1
90
AIF1 - INPUT PATH SOFT MUTE CONTROL
The WM1811A provides a soft mute function for the AIF1 input paths. When the mute function is
selected, the WM1811A gradually attenuates the associated signal paths until the path is entirely
muted.
When the mute function is de-selected, the gain will either return instantly to the digital gain setting, or
will gradually ramp back to the digital gain setting, depending on the AIF1DAC1_UNMUTE_RAMP
register field.
The mute and un-mute ramp rate is selectable between two different rates.
The AIF1 input paths are soft-muted by default. To play back an audio signal, the soft-mute must first
be de-selected by setting AIF1DAC1_MUTE = 0.
The soft un-mute would typically be used during playback of audio data so that when the Mute is
subsequently disabled, a smooth transition is scheduled to the previous volume level and pop noise is
avoided. This is desirable when resuming playback after pausing during a track.
The soft un-mute would typically not be required when un-muting at the start of a music file, in order
that the first part of the music track is not attenuated. The instant un-mute behaviour is desirable in
this case, when starting playback of a new track. See “Digital Volume Soft Mute and Soft Un-Mute”
(Figure 19) for an illustration of the soft mute function.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1056 (0420h)
AIF1 DAC1
Filters (1)
9
AIF1DAC1_
MUTE
1
AIF1DAC input path Soft Mute Control
0 = Un-mute
1 = Mute
5
AIF1DAC1_
MUTERAT
E
0
AIF1DAC input path Soft Mute Ramp Rate
0 = Fast ramp (fs/2, maximum ramp time is
10.7ms at fs=48k)
1 = Slow ramp (fs/32, maximum ramp time is
171ms at fs=48k)
(Note: ramp rate scales with sample rate.)
4
AIF1DAC1_
UNMUTE_
RAMP
0
AIF1DAC input path Unmute Ramp select
0 = Unmuting the AIF1DAC path
(AIF1DAC1_MUTE=0) will immediately apply
the AIF1DAC1L_VOL and AIF1DAC1R_VOL
settings.
1 = Unmuting the AIF1DAC path
(AIF1DAC1_MUTE=0) will cause a gradual
volume ramp up to the AIF1DAC1L_VOL and
AIF1DAC1R_VOL settings.
Table 41 AIF1 Input Path Soft Mute Control
AIF1 - INPUT PATH NOISE GATE CONTROL
The WM1811A provides a digital noise gate function for the AIF1 input paths. The noise gate ensures
best noise performance when the signal path is idle. When the noise gate is enabled, and the signal
level is below the noise gate threshold, then the noise gate is activated, causing the signal path to be
muted.
The AIF1 input path noise gate is enabled using the AIF1DAC1_NG_ENA register.
The noise gate threshold (the signal level below which the noise gate is activated) is set using
AIF1DAC1_NG_THR.
To prevent erroneous triggering, a time delay is applied before the gate is activated; the signal path is
only muted when the signal level stays below the threshold for longer than ‘hold time’, determined by
the AIF1DAC1_NG_HLD register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com