Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM1811A Datasheet(PDF) 100 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 100 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 96Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 97Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 98Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 99Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 100Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 101Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 102Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 103Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 104Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 328 page
background image
WM1811A
Production Data
w
PD, November 2013, Rev 4.1
100
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
9
SPKRVOL_ENA
0
SPKMIXR Mixer and SPKRVOL
PGA Enable
0 = Disabled
1 = Enabled
Note that SPKMIXR and SPKRVOL
are also enabled when
SPKOUTR_ENA is set.
8
SPKLVOL_ENA
0
SPKMIXL Mixer and SPKLVOL
PGA Enable
0 = Disabled
1 = Enabled
Note that SPKMIXL and SPKLVOL
are also enabled when
SPKOUTL_ENA is set.
7
MIXOUTLVOL_ENA
0
MIXOUTL Left Volume Control
Enable
0 = Disabled
1 = Enabled
6
MIXOUTRVOL_ENA
0
MIXOUTR Right Volume Control
Enable
0 = Disabled
1 = Enabled
5
MIXOUTL_ENA
0
MIXOUTL Left Output Mixer Enable
0 = Disabled
1 = Enabled
4
MIXOUTR_ENA
0
MIXOUTR Right Output Mixer
Enable
0 = Disabled
1 = Enabled
R56 (0038h)
AntiPOP (1)
6
HPOUT2_IN_ENA
0
HPOUT2MIX Mixer and Input Stage
Enable
0 = Disabled
1 = Enabled
Table 53 Output Signal Paths Enable
HEADPHONE SIGNAL PATHS ENABLE
The HPOUT1L and HPOUT1R output paths can be actively discharged to AGND through internal
resistors if desired. This is desirable at start-up in order to achieve a known output stage condition
prior to enabling the VMID reference voltage. This is also desirable in shutdown to prevent the
external connections from being affected by the internal circuits. The HPOUT1L and HPOUT1R
outputs are shorted to AGND by default; the short circuit is removed on each of these paths by setting
the applicable fields HPOUT1L_RMV_SHORT or HPOUT1R_RMV_SHORT.
The ground-referenced Headphone output drivers are designed to suppress pops and clicks when
enabled or disabled. However, it is necessary to control the drivers in accordance with a defined
sequence in start-up and shutdown to achieve the pop suppression. It is also necessary to schedule
the DC Servo offset correction at the appropriate point in the sequence (see “DC Servo”).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com