Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM1811A Datasheet(PDF) 53 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 53 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 49Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 50Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 51Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 52Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 53Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 54Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 55Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 56Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 57Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 328 page
background image
Production Data
WM1811A
w
PD, November 2013, Rev 4.1
53
DMICCLK pin
DMICDAT pin
(Left & Right
channels interleaved)
1
2
1
2
1
2
Left Mic output
1
1
1
Right Mic output
2
2
2
hi-Z
Figure 16 Digital Microphone Interface Timing
The digital microphone channels can be routed to the AIF1 digital audio interface output paths.
Digital volume control of the digital microphone channels in the AIF1 signal paths is provided using
the registers described in the “Digital Volume and Filter Control” section.
The digital microphone channels can also be routed, in a limited number of configurations, to the
digital mixing output bus, via the digital sidetone signal paths. See “Digital Mixing” for further details.
Digital volume control of the digital microphone channels in the digital sidetone signal paths is
provided using the registers described in the “Digital Mixing” section.
The digital microphone interface control fields are described in Table 9.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R4 (0004h)
Power
Management
(4)
3
DMIC1L_ENA
0
Digital microphone (DMICDAT)
Left channel enable
0 = Disabled
1 = Enabled
2
DMIC1R_ENA
0
Digital microphone (DMICDAT)
Right channel enable
0 = Disabled
1 = Enabled
Table 9 Digital Microphone Interface Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com