Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM1811A Datasheet(PDF) 60 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 60 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 56Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 57Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 58Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 59Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 60Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 61Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 62Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 63Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 64Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 328 page
background image
WM1811A
Production Data
w
PD, November 2013, Rev 4.1
60
AUDIO INTERFACE 1 (AIF1) OUTPUT DIGITAL MIXING
There are two digital mixers associated with the AIF1 output channels. The inputs to each AIF1 mixer
comprise signals from the ADC / Digital Microphone inputs and from AIF2.
Note that the Left/Right channels of AIF1 can be inverted or interchanged if required; see “Digital
Audio Interface Control”.
The AIF1 Left output channel is derived from the ADCL / DMIC (Left) and AIF2 (Left) inputs.The ADCL
/ DMIC (Left) path is enabled by ADC1L_TO_AIF1ADC1L, whilst the AIF2 (Left) path is enabled by
AIF2DACL_TO_AIF1ADC1L.
The AIF1 Right output channel is derived from the ADCR / DMIC (Right) and AIF2 (Right) inputs. The
ADCR / DMIC (Right) path is enabled by ADC1R_TO_AIF1ADC1R, whilst the AIF2 (Right) path is
enabled by AIF2DACR_TO_AIF1ADC1R.
The AIF1 output mixer controls are defined in Table 16.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1542 (0606h)
AIF1 ADC1
Left Mixer
Routing
1
ADC1L_TO_AIF
1ADC1L
0
Enable ADCL / DMIC (Left) to AIF1
(Left) output
0 = Disabled
1 = Enabled
0
AIF2DACL_TO_
AIF1ADC1L
0
Enable AIF2 (Left) to AIF1 (Left)
output
0 = Disabled
1 = Enabled
R1543 (0607h)
AIF1 ADC1
Right Mixer
Routing
1
ADC1R_TO_AIF
1ADC1R
0
Enable ADCR / DMIC (Right) to
AIF1 (Right) output
0 = Disabled
1 = Enabled
0
AIF2DACR_TO_
AIF1ADC1R
0
Enable AIF2 (Right) to AIF1 (Right)
output
0 = Disabled
1 = Enabled
Table 16 AIF1 Output Mixing
DIGITAL SIDETONE VOLUME AND FILTER CONTROL
There are two digital sidetone signal paths, STL and STR.
The STL source is either ADCL or DMICDAT (Left). The Left ADC data will be selected if the
corresponding ADC is enabled (ie. if ADCL_ENA = 1). The Left digital microphone (DMIC) data will be
selected if the corresponding ADC is disabled (ie. if ADCL_ENA = 0).
The STR source is either ADCR or DMICDAT (Right). The Right ADC data will be selected if the
corresponding ADC is enabled (ie. if ADCR_ENA = 1). The Right digital microphone (DMIC) data will
be selected if the corresponding ADC is disabled (ie. if ADCR_ENA = 0).
See “Analogue to Digital Converter (ADC)” for details of the ADC control registers.
A digital volume control is provided for the digital sidetone paths. The associated register controls are
described in Table 17.
A digital high-pass filter can be enabled in the sidetone paths to remove DC offsets. This filter is
enabled using the ST_HPF register bit; the cut-off frequency is configured using ST_HPF_CUT. When
the filter is enabled, it is enabled in both digital sidetone paths.
Note that the sidetone filter cut-off frequency scales according to the sample rate of AIF1 or AIF2.
When AIF1CLK is selected as the SYSCLK source (SYSCLK_SRC = 0), then the ST_HPF cut-off
frequency is scaled according to the AIF1_SR register. When AIF2CLK is selected as the SYSCLK
source (SYSCLK_SRC = 1), then the ST_HPF cut-off frequency is scaled according to the AIF2_SR
register.See “Clocking and Sample Rates” for further details of the system clocks and control
registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com