Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM1811A Datasheet(PDF) 42 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 42 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 38Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 39Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 40Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 41Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 42Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 43Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 44Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 45Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 46Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 328 page
background image
WM1811A
Production Data
w
PD, November 2013, Rev 4.1
42
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
2
4
MICB2_MODE
1
Microphone Bias 2 Mode
0 = Regulator mode
1 = Bypass mode
3:1
MICB2_LVL [2:0]
100
Microphone Bias 2 Voltage Control
(when MICB2_MODE = 0)
000 = 1.5V
001 = 1.8V
010 = 1.9V
011 = 2.0V
100 = 2.2V
101 = 2.4V
110 = 2.5V
111 = 2.6V
0
MICB2_DISCH
1
Microphone Bias 2 Discharge
0 = MICBIAS2 floating when disabled
1 = MICBIAS2 discharged when disabled
Table 1 Microphone Bias Control
Note that the maximum source current capability for MICBIAS1 and MICBIAS2 is 2.4mA each in
Regulator mode. The external biasing resistance must be large enough to limit each MICBIAS current
to 2.4mA across the full microphone impedance range. The maximum source current for MICBIAS1
and MICBIAS2 is 3.6mA each in Bypass mode, as described in the “Electrical Characteristics”.
MICROPHONE ACCESSORY DETECT
The WM1811A provides a microphone detection function, which uses impedance measurement to
detect one or more different external accessory connections. This feature is described in the “External
Accessory Detection” section.
LINE AND VOICE CODEC INPUTS
All eight analogue input pins may be used as line inputs. Each line input has different signal path
options, providing flexibility, high performance and low power consumption for many different usage
modes.
IN1LN and IN1RN can operate as single-ended line inputs to the input PGAs IN1L and IN1R
respectively. These inputs provide a high gain path if required for low input signal levels.
IN2LN and IN2RN can operate as single-ended line inputs to the input PGAs IN2L and IN2R
respectively, providing further high gain signal paths. These pins can also be connected to either of
the output mixers MIXOUTL and MIXOUTR.
IN1LP and IN1RP can operate as single-ended line inputs to the input mixers MIXINL and MIXINR, or
to the speaker mixers SPKMIXL and SPKMIXR. These signal paths enable power consumption to be
reduced, by allowing the input PGAs and other circuits to be disabled if not required.
IN2LP/VRXN and IN2RP/VRXP can operate in three different ways:
Mono differential ’RXVOICE’ input (e.g. from an external voice CODEC) to the input mixers
MIXINL and MIXINR.
Single-ended line inputs to either of the output mixers MIXOUTL and MIXOUTR.
Signal path configuration to the input PGAs and input mixers is detailed later in this section. Signal
path configuration to the output mixers and speaker mixers is described in “Analogue Output Signal
Path”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com