Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCM3168APAPR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3168APAPR
Description  Audio Codec
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3168APAPR Datasheet(HTML) 16 Page - Texas Instruments

Back Button PCM3168APAPR Datasheet HTML 12Page - Texas Instruments PCM3168APAPR Datasheet HTML 13Page - Texas Instruments PCM3168APAPR Datasheet HTML 14Page - Texas Instruments PCM3168APAPR Datasheet HTML 15Page - Texas Instruments PCM3168APAPR Datasheet HTML 16Page - Texas Instruments PCM3168APAPR Datasheet HTML 17Page - Texas Instruments PCM3168APAPR Datasheet HTML 18Page - Texas Instruments PCM3168APAPR Datasheet HTML 19Page - Texas Instruments PCM3168APAPR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 66 page
background image
BCKAD/DA
(Input)
1.4V
1.4V
1.4V
0.5
VDD
´
t
LRS
t
DOD
LRCKAD/DA
(Input)
DOUT1/2/3
DIN1/2/3/4
t
DIH
t
LRH
t
DIS
t
BCH
t
BCL
t
BCY
VDD
0V
0.5
VCC
´
(VDD=3.3V,typ)
t
ADCDLY2
t
DACDLY2
Fade-In
ZERO
VCOMDA
(0.5
VCCDA1)
´
3846
SCKI
´
NormalOperation
SynchronousClocks
(VDD=2.2V,typ)
RST
InternalReset
VOUT1
to
VOUT8
±
±
DOUT1/2/3
SCKI,
BCKAD/DA,
LRCKAD/DA
t
ADCDLY1
t
DACDLY1
PCM3168A
SBAS452A – SEPTEMBER 2008 – REVISED JANUARY 2016
www.ti.com
Figure 2. Power-On Reset Timing Requirements
Figure 3. Audio Interface Timing Requirements for Left-Justified, Right-Justified, and I2S Data Formats
(Slave Mode)
16
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Product Folder Links: PCM3168A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com