Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCM3168APAPR Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3168APAPR
Description  Audio Codec
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3168APAPR Datasheet(HTML) 25 Page - Texas Instruments

Back Button PCM3168APAPR Datasheet HTML 21Page - Texas Instruments PCM3168APAPR Datasheet HTML 22Page - Texas Instruments PCM3168APAPR Datasheet HTML 23Page - Texas Instruments PCM3168APAPR Datasheet HTML 24Page - Texas Instruments PCM3168APAPR Datasheet HTML 25Page - Texas Instruments PCM3168APAPR Datasheet HTML 26Page - Texas Instruments PCM3168APAPR Datasheet HTML 27Page - Texas Instruments PCM3168APAPR Datasheet HTML 28Page - Texas Instruments PCM3168APAPR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 66 page
background image
PCM3168A
www.ti.com
SBAS452A – SEPTEMBER 2008 – REVISED JANUARY 2016
9.3 Feature Description
9.3.1 Analog Inputs
The PCM3168A device includes six ADCs, each with individual pairs of differential voltage input pins, as shown
in Table 1. Additionally, the PCM3168A device has the capability of single-ended inputs. The full-scale input
voltage is (0.2 × VCCAD1) VRMS at the single-ended input mode and (0.4 × VCCAD1) VRMS at the differential
input mode. The input mode is selected by the MODE pin in hardware control mode or by register settings in the
software control mode. In single-ended mode, VINx+ pins are used and VINx– pins must be terminated with
AGNDAD1/2 through a capacitor or terminated with VCOMAD.
Table 1. Pin Assignments in Differential and Single-Ended Input Modes
CHANNEL
DIFFERENTIAL INPUT MODE
SINGLE-ENDED INPUT MODE
1 (ADC1)
VIN1+, VIN1–
VIN1+
2 (ADC2)
VIN2+, VIN2–
VIN2+
3 (ADC3)
VIN3+, VIN3–
VIN3+
4 (ADC4)
VIN4+, VIN4–
VIN4+
5 (ADC5)
VIN5+, VIN5–
VIN5+
6 (ADC6)
VIN6+, VIN6–
VIN6+
9.3.2 Analog Outputs
The The PCM3168A device includes eight DACs, each with individual pairs of differential voltage inputs pins, as
shown in Table 2. The full-scale output voltage is (1.6 × VCCDA1) VPP in differential mode. DC-coupled loads are
allowed in addition to ac-coupled loads if the load resistance conforms to the specification.
Table 2. Pin Assignments for Differential Output
CHANNEL
DIFFERENTIAL OUTPUT
1 (DAC1)
VOUT1+, VOUT1–
2 (DAC2)
VOUT2+, VOUT2–
3 (DAC3)
VOUT3+, VOUT3–
4 (DAC4)
VOUT4+, VOUT4–
5 (DAC5)
VOUT5+, VOUT5–
6 (DAC6)
VOUT6+, VOUT6–
7 (DAC7)
VOUT7+, VOUT7–
8 (DAC8)
VOUT8+, VOUT8–
9.3.3 Voltage References
The PCM3168A device includes two internal references for the six-channel ADCs; these references correspond
to the outputs VREFAD1 and VREFAD2. Both reference pins should be connected with an analog ground via
decoupling capacitors. In addition, the PCM3168A device includes two pins for common-mode voltage output
(VCOMDA for DACs and VCOMAD for ADCs). These pins should be also connected with an analog ground via
decoupling capacitors. Furthermore, both common pins can be used to bias external high-impedance circuits, if
they are required.
9.3.4 System Clock Input
The PCM3168A device requires an external system clock input applied at the SCKI input for ADC and DAC
operation. The system clock operates at an integer multiple of the sampling frequency, or fS. The multiples
supported in ADC operation include 256 fS, 384 fS, 512 fS, and 768 fS; the multiples supported in DAC operation
include 128 fS, 192 fS, 256 fS, 384 fS, 512 fS, and 768 fS. Details for these system clock multiples are shown in
Table 3. Figure 1 shows the SCKI timing requirements.
Copyright © 2008–2016, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: PCM3168A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com