Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCM3168APAPR Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3168APAPR
Description  Audio Codec
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3168APAPR Datasheet(HTML) 48 Page - Texas Instruments

Back Button PCM3168APAPR Datasheet HTML 44Page - Texas Instruments PCM3168APAPR Datasheet HTML 45Page - Texas Instruments PCM3168APAPR Datasheet HTML 46Page - Texas Instruments PCM3168APAPR Datasheet HTML 47Page - Texas Instruments PCM3168APAPR Datasheet HTML 48Page - Texas Instruments PCM3168APAPR Datasheet HTML 49Page - Texas Instruments PCM3168APAPR Datasheet HTML 50Page - Texas Instruments PCM3168APAPR Datasheet HTML 51Page - Texas Instruments PCM3168APAPR Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 66 page
background image
PCM3168A
SBAS452A – SEPTEMBER 2008 – REVISED JANUARY 2016
www.ti.com
Table 26. Register: ADC Input Phase
DEC
HEX
B7
B6
B5
B4
B3
B2
B1
B0
84
54
—
—
REVAD6
REVAD5
REVAD4
REVAD3
REVAD2
REVAD1
REVAD[6:1]
ADC Input phase select
These bits are used to control the phase of analog signal inputs.
Default value: 00 0000.
REVAD
ADC Input phase select
xx xxx0
ADC1 normal input
xx xxx1
ADC1 inverted input
xx xx0x
ADC2 normal input
xx xx1x
ADC2 inverted input
xx x0xx
ADC3 normal input
xx x1xx
ADC3 inverted input
xx 0xxx
ADC4 normal input
xx 1xxx
ADC4 inverted input
x0 xxxx
ADC5 normal input
x1 xxxx
ADC5 inverted input
0x xxxx
ADC6 normal input
1x xxxx
ADC6 inverted input
Table 27. Register: ADC Soft Mute
DEC
HEX
B7
B6
B5
B4
B3
B2
B1
B0
85
55
—
—
MUTAD6
MUTAD5
MUTAD4
MUTAD3
MUTAD2
MUTAD1
MUTAD[6:1]
ADC Soft Mute control
These bits are used to enable or disable the Soft Mute function for the corresponding ADC outputs, DOUT. The Soft Mute
function is incorporated into the digital attenuators.
When Mute is disabled (MUTAD[6:1] = 0), the attenuator and ADC operate normally. When Mute is enabled by setting
MUTAD[6:1] = 1, the digital attenuator for the corresponding output decreases from the current setting to infinite
attenuation with an s-curve responses and time set by ATSPAD.
By setting MUTAD[6:1] = 0, the attenuator increases to the last attenuation level with the s-curve response in same
manner as for decreasing levels. This provides pop and zipper noise-free muting for the ADC input.
The Soft Mute control uses the same digital attenuation level resource setting as the ADC. Mute control has priority over
the digital attenuation level setting.
Default value: 00 0000.
MUTAD
ADC Soft Mute control
xx xxx0
ADC1 Mute disabled
xx xxx1
ADC1 Mute enabled
xx xx0x
ADC2 Mute disabled
xx xx1x
ADC2 Mute enabled
xx x0xx
ADC3 Mute disabled
xx x1xx
ADC3 Mute enabled
xx 0xxx
ADC4 Mute disabled
xx 1xxx
ADC4 Mute enabled
x0 xxxx
ADC5 Mute disabled
x1 xxxx
ADC5 Mute enabled
0x xxxx
ADC6 Mute disabled
1x xxxx
ADC6 Mute enabled
48
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Product Folder Links: PCM3168A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com