Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCM3168APAPR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3168APAPR
Description  Audio Codec
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3168APAPR Datasheet(HTML) 19 Page - Texas Instruments

Back Button PCM3168APAPR Datasheet HTML 15Page - Texas Instruments PCM3168APAPR Datasheet HTML 16Page - Texas Instruments PCM3168APAPR Datasheet HTML 17Page - Texas Instruments PCM3168APAPR Datasheet HTML 18Page - Texas Instruments PCM3168APAPR Datasheet HTML 19Page - Texas Instruments PCM3168APAPR Datasheet HTML 20Page - Texas Instruments PCM3168APAPR Datasheet HTML 21Page - Texas Instruments PCM3168APAPR Datasheet HTML 22Page - Texas Instruments PCM3168APAPR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 66 page
background image
0
5
10
15
20
25
30
35
40
-
-
-
-
-
-
-
-
0.0010
NormalizedFrequency(f )
S
0
0.0006
0.0004
0.0002
0.0008
0
5
10
15
20
25
30
35
40
-
-
-
-
-
-
-
-
0.0
0.
0.
0.
0.
0.
0.
0.
0.010
NormalizedFrequency(f )
S
0
0.006
0.004
0.002
0.008
0
20
40
60
80
100
120
140
160
180
200
-
-
-
-
-
-
-
-
-
-
4
NormalizedFrequency(f )
S
0
3
2
1
0.20
0.15
0.10
0.05
0
0.05
0.10
0.15
0.20
-
-
-
-
0.5
NormalizedFrequency(f )
S
0
0.3
0.2
0.1
0.4
0
20
40
60
80
100
120
140
160
180
200
-
-
-
-
-
-
-
-
-
-
8
NormalizedFrequency(f )
S
0
6
4
2
0.20
0.15
0.10
0.05
0
0.05
0.10
0.15
0.20
-
-
-
-
0.5
NormalizedFrequency(f )
S
0
0.3
0.2
0.1
0.4
PCM3168A
www.ti.com
SBAS452A – SEPTEMBER 2008 – REVISED JANUARY 2016
8.15 Typical Characteristics
8.15.1
ADC Digital Filter
At TA = 25°C, VCCAD1 = VCCAD2 = VCCDA1 = VCCDA2 = 5 V, VDD1 = VDD2 = 3.3 V, fS = 48 kHz, SCKI = 512 fS, 24-bit
data, Sampling Mode = Auto for ADC and DAC, and Interface Mode = Slave for ADC and DAC, unless otherwise noted.
Figure 10. Frequency Response (Single Rate)
Figure 11. Frequency Response Passband (Single Rate)
Figure 12. Frequency Response (Dual Rate)
Figure 13. Frequency Response Passband (Dual Rate)
Figure 14. HPF Frequency Response
Figure 15. HPF Frequency Response Passband
Copyright © 2008–2016, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: PCM3168A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com