Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCM3168APAPR Datasheet(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3168APAPR
Description  Audio Codec
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3168APAPR Datasheet(HTML) 56 Page - Texas Instruments

Back Button PCM3168APAPR Datasheet HTML 52Page - Texas Instruments PCM3168APAPR Datasheet HTML 53Page - Texas Instruments PCM3168APAPR Datasheet HTML 54Page - Texas Instruments PCM3168APAPR Datasheet HTML 55Page - Texas Instruments PCM3168APAPR Datasheet HTML 56Page - Texas Instruments PCM3168APAPR Datasheet HTML 57Page - Texas Instruments PCM3168APAPR Datasheet HTML 58Page - Texas Instruments PCM3168APAPR Datasheet HTML 59Page - Texas Instruments PCM3168APAPR Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 66 page
background image
PCM3168A
SBAS452A – SEPTEMBER 2008 – REVISED JANUARY 2016
www.ti.com
Layout Guidelines (continued)
12.1.6 VOUT1±, VOU2±, VOUT3±, VOUT4±, VOUT5±, VOUT6±, VOUT7±, and VOUT8± Pins
The differential to single-ended buffer with post LPF can be directly connected (without capacitors) to these
output pins (see Figure 62), thereby minimizing the use of coupling capacitors for the 2-VRMS outputs. The op
amp and resistors must be determined with consideration of degrading some performance through this
differential to single-ended and LPF buffer; there is about 1.5-dB degradation seen in the examples of Figure 61
and Figure 62.
12.1.7 MODE Pin
This pin is a logic input with quad-state input capability. The MODE pin is high when connected to VDD, low when
connected to DGND, and pulled up or pulled down through an external resistor and for the two mid-states in
order to distinguish the four input states. The pull-up or pull-down resistor must be 220 k
Ω, ±5% in tolerance.
Note that the state of the MODE pin is only sampled by a power-on or a low-to-high transition of the RST pin.
12.1.8 RST Pin
When the MODE pin setting changes to change the operating mode, the new mode setting does not take effect
immediately; a RST pin toggle is required to make the new mode setting valid, and for the new mode to take
effect.
12.1.9 OVF Pin
The OVF pin has two functions. It is primarily the flag for ADC overflow occurrence detection. It is also used to
indicate that the internal reset sequence is complete and that the device is ready to enter serial mode control.
12.1.10 System Clock and Audio Interface Clocks
The quality of SCKI may influence dynamic performance, because the PCM3168A device (both the ADC and
DAC) operates based on SCKI. Therefore, it may be required to consider the jitter, duty, and rise and fall time of
the system clock.
In slave mode, the PCM3168A device does not require a specific timing relationship between BCKAD/LRCKAD
and SCKI, and BCKDA/LRCKDA and SCKI; however, there is a possibility of performance degradation with a
certain timing relationship between them. In that case, specific timing relationship control might resolve this
performance degradation.
In master mode, there is a possibility of performance degradation because of heavy loads on BCKAD/LRCKAD,
BCKDA/LRCKDA, and DOUT1/2/3. It is recommended to load these pins as lightly as possible. Note that all
output clocks and signals go low; they do not go into a high-impedance state during power-save mode.
12.1.11 PowerPAD
The PowerPAD of the PCM3168A device is internally connected to the substrate of the silicon. It should be
connected to the ground plane with sufficient low conductance in electrical and thermal; see Figure 54. The
PowerPAD size is 7.25 mm x 7.00 mm (0.725 cm × 0.7 cm).
12.1.12 External Mute Control
For power-down ON/OFF control without the pop-noise that is generated by a DC level change on the DAC
output, the external mute control is generally required. Use of the following control sequence is recommended:
external mute ON, codec power-down ON, SCKI stop and resume if necessary, codec power-down OFF, and
external mute OFF control.
56
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Product Folder Links: PCM3168A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com