Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCM3168APAPR Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3168APAPR
Description  Audio Codec
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3168APAPR Datasheet(HTML) 15 Page - Texas Instruments

Back Button PCM3168APAPR Datasheet HTML 11Page - Texas Instruments PCM3168APAPR Datasheet HTML 12Page - Texas Instruments PCM3168APAPR Datasheet HTML 13Page - Texas Instruments PCM3168APAPR Datasheet HTML 14Page - Texas Instruments PCM3168APAPR Datasheet HTML 15Page - Texas Instruments PCM3168APAPR Datasheet HTML 16Page - Texas Instruments PCM3168APAPR Datasheet HTML 17Page - Texas Instruments PCM3168APAPR Datasheet HTML 18Page - Texas Instruments PCM3168APAPR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 66 page
background image
SystemClock
(SCKI)
High
Low
t
SCL
t
SCH
t
SCY
2.0V
0.8V
PCM3168A
www.ti.com
SBAS452A – SEPTEMBER 2008 – REVISED JANUARY 2016
8.13 Timing Requirements: Four-Wire Serial Control Interface
(1)
Refer to Figure 8.
MIN
MAX
UNIT
tMCY
MC pulse cycle time
100
ns
tMCL
MC low-level time
40
ns
tMCH
MC high-level time
40
ns
tMHH
MS high-level time
tMCY
ns
tMSS
MS falling edge to MC rising edge
30
ns
tMSH
MS rising edge from MC rising edge for LSB
15
ns
tMDH
MDI hold time
15
ns
tMDS
MDI setup time
15
ns
tMDD
MDO enable or delay time from MC falling edge
0
30
ns
tMDR
MDO disable time from MS rising edge
0
30
ns
(1)
These timing parameters are critical for proper control port operation.
8.14 Timing Requirements: SCL and SDA Control Interface
Refer to Figure 9.
STANDARD MODE
FAST MODE
UNIT
MIN
MAX
MIN
MAX
fSCL
SCL clock frequency
100
400
kHz
tBUF
Bus free time between STOP and START condition
4.7
1.3
μs
tLOW
Low period of the SCL clock
4.7
1.3
μs
tHI
High period of the SCL clock
4.0
0.6
μs
tS-SU
Setup time for START/Repeated START condition
4.7
0.6
μs
tS-HD
Hold time for START/Repeated START condition
4.0
0.6
μs
tD-SU
Data setup time
250
100
ns
tD-HD
Data hold time
0
3450
0
900
ns
20 + (0.1 ×
tSCL-R
Rise time of SCL signal
1000
300
ns
CB)
20 + (0.1 ×
tSCL-F
Fall time of SCL signal
1000
300
ns
CB)
20 + (0.1 ×
tSDA-R
Rise time of SDA signal
1000
300
ns
CB)
20 + (0.1 ×
tSDA-F
Fall time of SDA signal
1000
300
ns
CB)
tP-SU
Setup time for STOP condition
4.0
0.6
μs
tGW
Allowable glitch width
N/A
50
CB
Capacitive load for SDA and SCL line
400
100
pF
Noise margin at high level for each connected device
VNH
0.2 × VDD
0.2 × VDD
V
(including hysteresis)
Noise margin at low level for each connected device
VNL
0.1 × VDD
0.1 × VDD
V
(including hysteresis)
VHYS
Hysteresis of Schmitt-trigger input
N/A
0.05 × VDD
V
Figure 1. System Clock Timing Requirements
Copyright © 2008–2016, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: PCM3168A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com