Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCM3168APAPR Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3168APAPR
Description  Audio Codec
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3168APAPR Datasheet(HTML) 28 Page - Texas Instruments

Back Button PCM3168APAPR Datasheet HTML 24Page - Texas Instruments PCM3168APAPR Datasheet HTML 25Page - Texas Instruments PCM3168APAPR Datasheet HTML 26Page - Texas Instruments PCM3168APAPR Datasheet HTML 27Page - Texas Instruments PCM3168APAPR Datasheet HTML 28Page - Texas Instruments PCM3168APAPR Datasheet HTML 29Page - Texas Instruments PCM3168APAPR Datasheet HTML 30Page - Texas Instruments PCM3168APAPR Datasheet HTML 31Page - Texas Instruments PCM3168APAPR Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 66 page
background image
VDD
SynchronousClocks
ZERO
Power-Down
NormalOperation
NormalOperation
SynchronousClocks
0V
SCKI,
BCKAD/DA,
LRCKAD/DA
RST
InternalReset
VOUT1
to
VOUT8
±
±
DOUT1/2/3
t
ADCDLY2
t
DACDLY1
t
DACDLY2
0.5
VCC
´
(VDD=3.3V,typ)
3846
SCKI
´
Fade-In
100ns(min)
t
ADCDLY1
PCM3168A
SBAS452A – SEPTEMBER 2008 – REVISED JANUARY 2016
www.ti.com
The PCM3168A device does not require particular power-on sequences for VCC and VDD; it allows VDD on and
then VCC on, or VCC on and then VDD on. From the viewpoint of the Absolute Maximum Ratings, however,
simultaneous power-on is recommended for avoiding unexpected responses on VOUTx and DOUTx. Figure 2
illustrates the response for VCC on with VDD on.
Figure 39. External Reset Timing Requirements
9.3.7 Highpass Filter (HPF)
The PCM3168A device includes a highpass filter (HPF) for all ADC channels in order to remove the DC
component of the digitized input signal. The filter is located at the output of the digital decimation filter. The –3-dB
corner frequency for the HPF scales with the output sampling rate, where f–3 dB = 0.020 × fS/1000. When
fS = 48 kHz, f–3 dB is 0.96 Hz. The HPF function can be disabled (bypassed) by the BYP bits in two channels.
9.3.8 Overflow Flag
The PCM3168A device includes an overflow flag output for all ADC channels. As soon as any of the six-channel
ADC digital outputs exceed the full-scale range, an overflow flag is forced high on the OVF pin. The overflow flag
is held high for 1024 LRCKAD clock cycles. In parallel, overflow flag information is stored in the OVF bits of the
mode control register, and the OVF bit is held until the mode control register is read. The overflow flag polarity
can be changed by the OVFP bit. The OVF pin also indicates internal reset completion by transmitting a 4096
SCKI width pulse.
9.3.9 Zero Flag
The PCM3168A device includes a zero flag output for all DAC channels. When all of the eight-channel DACs
digital inputs have continued as zero data for 1024 LRCKDA clock cycles, the zero flag is forced high on ZERO.
In parallel, zero flag information is stored in the ZERO bits according to channel. The zero flag polarity can be
changed by the ZREV bit. Also, the zero flag function can be selected by the AZRO bits. AND or OR logic for
stereo, six channels, and eight channels can be selected.
9.3.10 Four-Wire (SPI) Serial Control
The PCM3168A device includes an SPI-compatible serial port that operates asynchronously with the audio serial
interface.
The
control
interface
consists
of
MDI/SDA/DEMP,
MDO/ADR1/MD1,
MC/SCL/FMT,
and
MS/ADR0/MD0. MDI is the serial data input to program the mode control registers. MDO is the serial data output
to read back register settings and some flags. MDO is inactive (Hi-Z, high impedance) during MS = high. MC is
the serial bit clock that shifts the data into the control port. MS is the select input to enable the mode control port.
28
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Product Folder Links: PCM3168A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com