Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCM3168APAPR Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3168APAPR
Description  Audio Codec
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3168APAPR Datasheet(HTML) 17 Page - Texas Instruments

Back Button PCM3168APAPR Datasheet HTML 13Page - Texas Instruments PCM3168APAPR Datasheet HTML 14Page - Texas Instruments PCM3168APAPR Datasheet HTML 15Page - Texas Instruments PCM3168APAPR Datasheet HTML 16Page - Texas Instruments PCM3168APAPR Datasheet HTML 17Page - Texas Instruments PCM3168APAPR Datasheet HTML 18Page - Texas Instruments PCM3168APAPR Datasheet HTML 19Page - Texas Instruments PCM3168APAPR Datasheet HTML 20Page - Texas Instruments PCM3168APAPR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 66 page
background image
BCKAD/DA
(Output)
LRCKAD/DA
(Output)
DOUT1/2/3
DIN1/2/3/4
t
DOD
t
LRD
1.4V
0.5
VDD
´
0.5
VDD
´
0.5
VDD
´
t
BCH
t
BCL
t
BCY
t
DIS
t
DIH
t
LRW
t
DOD
t
LRS
1.4V
1.4V
0.5
VDD
´
1.4V
BCKAD/DA
(Input)
LRCKAD/DA
(Input)
DOUT1/2/3
DIN1/2/3/4
t
BCH
t
BCL
t
BCY
t
LRH
t
DIS
t
DIH
t
LRW
BCKAD/DA
(Output)
LRCKAD/DA
(Output)
DOUT1/2/3
DIN1/2/3/4
t
DOD
t
LRD
1.4V
0.5
VDD
´
0.5
VDD
´
0.5
VDD
´
t
BCH
t
BCL
t
BCY
t
DIS
t
DIH
t
LRW
PCM3168A
www.ti.com
SBAS452A – SEPTEMBER 2008 – REVISED JANUARY 2016
Figure 4. Audio Interface Timing Requirements for Left-Justified, Right-Justified, and I2S Data Formats
(Master Mode)
Figure 5. Audio Interface Timing Requirements for DSP and TDM Data Formats (Slave Mode)
Figure 6. Audio Interface Timing Requirements for DSP and TDM Data Formats (Master Mode)
Copyright © 2008–2016, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: PCM3168A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com