Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCM3168APAPR Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3168APAPR
Description  Audio Codec
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3168APAPR Datasheet(HTML) 51 Page - Texas Instruments

Back Button PCM3168APAPR Datasheet HTML 47Page - Texas Instruments PCM3168APAPR Datasheet HTML 48Page - Texas Instruments PCM3168APAPR Datasheet HTML 49Page - Texas Instruments PCM3168APAPR Datasheet HTML 50Page - Texas Instruments PCM3168APAPR Datasheet HTML 51Page - Texas Instruments PCM3168APAPR Datasheet HTML 52Page - Texas Instruments PCM3168APAPR Datasheet HTML 53Page - Texas Instruments PCM3168APAPR Datasheet HTML 54Page - Texas Instruments PCM3168APAPR Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 66 page
background image
Termination
VIN1+
VIN1-
VIN2+
VIN2-
VIN3+
VIN3-
VIN4+
VIN4-
VIN5+
VIN5-
VIN6+
VIN6-
VDD1
DGND1
VDD2
DGND2
VCCAD1
AGNDA1
VCCAD2
AGNDAD2
VCOMAD
VREFAD1
VREFAD2
VOUT1+
VOUT1-
VOUT2+
VOUT2-
VOUT3+
VOUT3-
VOUT4+
VOUT4-
VOUT5+
VOUT5-
VOUT6+
VOUT6-
VOUT7+
VOUT7-
VOUT8+
VOUT8-
VCCDA1
AGNDDA1
VCCDA2
AGNDDA2
VCOMDA
PCM3168A
PCM3168A-Q1
C5
C6
C1
C7
C2
C3
C4
C8
C11
C9
C10
C12
ControlMCU
AnalogOutput
LPFandBuffer
AnalogInput
DigitalAudioProcessor
R1
R2
R3
R4
R5
R6
R7
R8
R9
R10
R11
R12
+
+
+
0V
5V
0V
3.3V
+
AnalogInput
AnalogInput
AnalogInput
AnalogInput
AnalogInput
AnalogOutput
LPFandBuffer
AnalogOutput
LPFandBuffer
AnalogOutput
LPFandBuffer
AnalogOutput
LPFandBuffer
AnalogOutput
LPFandBuffer
AnalogOutput
LPFandBuffer
AnalogOutput
LPFandBuffer
+
+
PCM3168A
www.ti.com
SBAS452A – SEPTEMBER 2008 – REVISED JANUARY 2016
10 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
10.1 Application Information
A typical circuit connection for six-channel analog in and eight-channel analog out is shown in Figure 54.
10.2 Typical Application
C1 through C6 are 1-μF ceramic capacitors dependent on power-supply quality. C7 and C8 are 10-μF electrolytic capacitors dependent on
power-supply quality. C9 and C10 are 10-μF electrolytic capacitors. C11 and C12 are 10-μF electrolytic capacitors. R1 through R12 are 22-Ω to
100-
Ω resistors.
Figure 54. Example Board Layout
Copyright © 2008–2016, Texas Instruments Incorporated
Submit Documentation Feedback
51
Product Folder Links: PCM3168A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com