Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCM3168APAPR Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3168APAPR
Description  Audio Codec
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3168APAPR Datasheet(HTML) 26 Page - Texas Instruments

Back Button PCM3168APAPR Datasheet HTML 22Page - Texas Instruments PCM3168APAPR Datasheet HTML 23Page - Texas Instruments PCM3168APAPR Datasheet HTML 24Page - Texas Instruments PCM3168APAPR Datasheet HTML 25Page - Texas Instruments PCM3168APAPR Datasheet HTML 26Page - Texas Instruments PCM3168APAPR Datasheet HTML 27Page - Texas Instruments PCM3168APAPR Datasheet HTML 28Page - Texas Instruments PCM3168APAPR Datasheet HTML 29Page - Texas Instruments PCM3168APAPR Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 66 page
background image
PCM3168A
SBAS452A – SEPTEMBER 2008 – REVISED JANUARY 2016
www.ti.com
Table 3. System Clock Frequencies for Common Audio Sampling Rates
SAMPLING
DEFAULT
SYSTEM CLOCK FREQUENCY (MHz)
FREQUENCY
SAMPLING
MODE
fS (kHz)
128 fS
(1)
192 fS
(1)
256 fS
384 fS
512 fS
768 fS
8
N/A
N/A
2.0480
3.0720(2)
4.0960
6.1440
16
2.0480(1)
3.0720(1)
4.0960
6.1440(2)
8.1920
12.2880
Single rate
32
4.0960(1)
6.1440(1)
8.1920
12.2880(2)
16.3840
24.5760
44.1
5.6488(1)
8.4672(1)
11.2896
16.9344(2)
22.5792
33.8688
48
6.1440(1)
9.2160(1)
12.2880
18.4320(2)
24.5760
36.8640
88.2
11.2896(1)
16.9344(1)
22.5792
33.8688
N/A
N/A
Dual rate
96
12.2880(1)
18.4320(1)
24.5760
36.8640
N/A
N/A
176.4(1)
22.5792(1)
33.8688(1)
N/A
N/A
N/A
N/A
Quad rate(1)
192(1)
24.5760(1)
36.8640(1)
N/A
N/A
N/A
N/A
(1)
Supported only by DAC operation
(2)
Requires 50% duty cycle for stable ADC performance.
9.3.5 Sampling Mode
The PCM3168A device supports two sampling modes (single rate and dual rate) in ADC operation, and three
sampling modes (single rate, dual rate, and quad rate) in DAC operation. In single rate mode, the ADC and DAC
operate at an oversampling frequency of x128 (except when SCKI = 128 fS and 192 fS). This mode is supported
for sampling frequencies less than 50 kHz. In dual rate mode, the ADC and DAC operate at an oversampling
frequency of x64; this mode is supported for sampling frequencies less than 100 kHz. In quad rate mode, the
DAC operates at an oversampling frequency of x32. The sampling mode is automatically selected according to
the ratio of system clock frequency and sampling frequency by default (for example, single rate for 512 fS and
768 fS, dual rate for 256 fS and 384 fS, and quad rate for 128 fS and 192 fS), but manual selection is also possible
for specified combinations through the serial mode control resistor.
Table 4 and Figure 37 show the relation between the oversampling rate (OSR) of the
ΔΣ modulator, noise-free
shaped bandwidth, and each sampling mode setting for ADC operation. Table 5 and Figure 38 describe the
relation between the oversampling rate of the digital filter and
ΔΣ modulator, noise-free shaped bandwidth, and
each sampling mode setting for DAC operation.
Table 4. ADC Modulator OSR and Noise-Free Shaped Bandwidth for Each Sampling Mode
NOISE-FREE SHAPED BANDWIDTH (kHz)
SAMPLING MODE
SYSTEM CLOCK RATE (fS)
MODULATOR OSR
REGISTER SETTING
fS = 48 kHz
fS = 96 kHz
512, 768
40
N/A
x128
Auto
256, 384
20
40
x64
512, 768
40
N/A
x128
Single
256, 384
40
N/A
x128
Dual
256, 384
20
40
x64
Table 5. DAC Digital Filter OSR, Modulator OSR, and Noise-Free Shaped Bandwidth
for Each Sampling Mode
NOISE-FREE SHAPED
BANDWIDTH
SAMPLING MODE
SYSTEM CLOCK
DIGITAL FILTER OSR
MODULATOR OSR
REGISTER SETTING
RATE (fS)
fS = 48
fS = 96
fS = 192
kHz
kHz
kHz
512, 768
40
N/A
N/A
x8
x128
Auto
256, 384
20
40
N/A
x8
x64
128, 192(1)(2)
10
20
40
x4
x32
(1)
Supported only by DAC operation.
(2)
Quad mode filter characteristic is applied.
26
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Product Folder Links: PCM3168A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com