| Electronic Components Datasheet Search |
|
PI7C7300D Datasheet(PDF) 56 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PI7C7300D Datasheet(HTML) 56 Page - Pericom Semiconductor Corporation |
|
56 / 107 page ![]() PI7C7300D 3-PORT PCI-TO-PCI BRIDGE Page 56 of 107 Pericom Semiconductor November 2005 - Revision 1.01 PI7C7300D sets the primary interface parity-error-detected bit in the status register. Because there was not an exact data and parity match, the write status is not returned and the transaction remains in the queue. Similarly, for upstream delayed write transactions, when the parity error is detected on the initiator bus and PI7C7300D has write status to return, the following events occur: PI7C7300D first asserts S1_TRDY# or S2_TRDY# and then asserts S_PERR# two cycles later, if the secondary interface parity-error-response bit is set in the bridge control register (offset 3Ch). PI7C7300D sets the secondary interface parity-error-detected bit in the secondary status register. Because there was not an exact data and parity match, the write status is not returned and the transaction remains in the queue. For downstream transactions, where the parity error is being passed back from the target bus and the parity error condition was not originally detected on the initiator bus, the following events occur: PI7C7300D asserts P_PERR# two cycles after the data transfer, if the following are both true: - The parity-error-response bit is set in the command register of the primary interface. - The parity-error-response bit is set in the bridge control register of the secondary interface. PI7C7300D completes the transaction normally. For upstream transactions, when the parity error is being passed back from the target bus and the parity error condition was not originally detected on the initiator bus, the following events occur: PI7C7300D asserts S_PERR# two cycles after the data transfer, if the following are both true: - The parity error response bit is set in the command register of the primary interface. - The parity error response bit is set in the bridge control register of the secondary interface. PI7C7300D completes the transaction normally. 7.2.4 POSTED WRITE TRANSACTIONS During downstream posted write transactions, when PI7C7300D responds as a target, it detects a data parity error on the initiator (primary) bus and the following events occur: PI7C7300D asserts P_PERR# two cycles after the data transfer, if the parity error response bit is set in the command register of primary interface. PI7C7300D sets the parity error detected bit in the status register of the primary interface. PI7C7300D captures and forwards the bad parity condition to the secondary bus. PI7C7300D completes the transaction normally. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |