Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI7C7300D Datasheet(PDF) 70 Page - Pericom Semiconductor Corporation

Part # PI7C7300D
Description  3-PORT PCI-to-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C7300D Datasheet(HTML) 70 Page - Pericom Semiconductor Corporation

Back Button PI7C7300D Datasheet HTML 66Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 67Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 68Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 69Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 70Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 71Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 72Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 73Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 74Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 107 page
background image
PI7C7300D
3-PORT PCI-TO-PCI BRIDGE
Page 70 of 107
Pericom Semiconductor
November 2005 - Revision 1.01
the secondary bus. If the internal arbiter is disabled, PI7C7300D parks the secondary bus
only when the reconfigured grant signal, S_REQ#[0], is asserted and the secondary bus is
idle.
10
COMPACT PCI HOT SWAP
Compact PCI (cPCI) Hot Swap (PICMG 2.1, R1.0) defines a process for installing and
removing PCI boards form a Compact PCI system without powering down the system.
The PI7C7300D is Hot Swap Friendly silicon that supports all the cPCI Hot Swap
Capable features and adds support for Software Connection Control. Being Hot Swap
Friendly, the PI7C7300D supports the following:
Compliance with PCI Specification 2.2
Tolerates VCC from Early Power
Asynchronous Reset
Tolerates Precharge Voltage
I/O Buffers Meet Modified V/I Requirements
Limited I/O Pin Leakage at Precharge Voltage
When the PI7C7300D resides on the Compact PCI add-in card, the Primary Bus must be
the bus that is inserted into the Compact PCI system. To perform the Hot Swap function,
the device must be configured according to the CPCI Hot-Swap Specifications. For the
PI7C7300D, the only path for configuration is through the Primary Bus. The bridge may
not be configured through either secondary buses. If the user chooses to use the
secondary buses for insertion, an external register needs to be provided for the Hot Swap
Control Status Register.
11
CLOCKS
This chapter provides information about the clocks.
11.1
PRIMARY CLOCK INPUTS
PI7C7300D implements a primary clock input for the PCI interface. The primary
interface is synchronized to the primary clock input, P_CLK, and the secondary interface
is synchronized to the secondary clock. The secondary clock is derived internally from
the primary clock, P_CLK, through an internal PLL. PI7C7300D operates at a maximum
frequency of 66 MHz.
11.2
SECONDARY CLOCK OUTPUTS
PI7C7300D has 16 secondary clock outputs, S_CLKOUT[15:0] that can be used as clock
inputs for up to fifteen external secondary bus devices. The S_CLKOUT[15:0] outputs
are derived from P_CLK. The secondary clock edges are delayed from P_CLK edges by
a minimum of 0ns. This is the rule for using secondary clocks:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com