| Electronic Components Datasheet Search |
|
PI7C7300D Datasheet(PDF) 84 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PI7C7300D Datasheet(HTML) 84 Page - Pericom Semiconductor Corporation |
|
84 / 107 page ![]() PI7C7300D 3-PORT PCI-TO-PCI BRIDGE Page 84 of 107 Pericom Semiconductor November 2005 - Revision 1.01 Bit Function Type Description 18 ISA enable R/W Modifies the bridge’s response to ISA I/O addresses, applying only to those addresses falling within the I/O base and limit address registers and within the first 64KB or PCI I/O space. 0: forward all I/O addresses in the range defined by the I/O base and I/O limit registers 1: blocks forwarding of ISA I/O addresses in the range defined by the I/O base and I/O limit registers that are in the first 64KB of I/O space that address the last 768 bytes in each 1KB block. Secondary I/O transactions are forwarded upstream if the address falls within the last 768 bytes in each 1KB block Reset to 0 19 VGA enable R/W Controls the bridge’s response to VGA compatible addresses. 0: does not forward VGA compatible memory and I/O addresses from primary to secondary 1: forward VGA compatible memory and I/O addresses from primary to secondary regardless of other settings Reset to 0 20 Reserved R/O Reserved. Returns 0 when read. Reset to 0 21 Master Abort Mode R/W Control’s bridge’s behavior responding to master aborts on secondary interface. 0: does not report master aborts (returns FFFF_FFFFh on reads and discards data on writes) 1: reports master aborts by signaling target abort if possible by the assertion of P_SERR# if enabled Reset to 0 22 Secondary Interface Reset R/W Controls the assertion of S1_RESET# or S2_RESET# signal pin on the secondary interface 0: does not force the assertion of S1_RESET# or S2_RESET# pin 1: forces the assertion of S1_RESET# or S2_RESET# Reset to 0 23 Fast Back-to- Back Enable R/W Controls bridge’s ability to generate fast back-to-back transactions to different devices on the secondary interface. 0: does not allow fast back-to-back transactions 1: enables fast back-to-back transactions Reset to 0 24 Reserved R/W Reserved. Reset to 0 25 Reserved R/W Reserved. Reset to 0 26 Master Timeout Status R/WC This bit is set to 1 when either the primary master timeout counter or secondary master timeout counter expires. Reset to 0 27 Discard Timer P_SERR# enable R/WC This bit Is set to 1 and P_SERR# is asserted when either the primary discard timer or the secondary S1 or S2 discard timer expire. Reset to 0 31-28 Reserved R/O Reserved. Returns 0 when read. Reset to 0. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |