Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI7C7300D Datasheet(PDF) 63 Page - Pericom Semiconductor Corporation

Part # PI7C7300D
Description  3-PORT PCI-to-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C7300D Datasheet(HTML) 63 Page - Pericom Semiconductor Corporation

Back Button PI7C7300D Datasheet HTML 59Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 60Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 61Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 62Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 63Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 64Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 65Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 66Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 67Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 107 page
background image
PI7C7300D
3-PORT PCI-TO-PCI BRIDGE
Page 63 of 107
Pericom Semiconductor
November 2005 - Revision 1.01
7.4
SYSTEM ERROR (SERR#) REPORTING
PI7C7300D uses the P_SERR# signal to report conditionally a number of system error
conditions in addition to the special case parity error conditions described in Section
7.2.3.
Whenever assertion of P_SERR# is discussed in this document, it is assumed that the
following conditions apply:
For PI7C7300D to assert P_SERR# for any reason, the SERR# enable bit must be
set in the command register.
Whenever PI7C7300D asserts P_SERR#, PI7C7300D must also set the signaled
system error bit in the status register.
In compliance with the PCI-to-PCI Bridge Architecture Specification, PI7C7300D
asserts P_SERR# when it detects the secondary SERR# input, S_SERR#, asserted and
the SERR# forward enable bit is set in the bridge control register. In addition,
PI7C7300D also sets the received system error bit in the secondary status register.
PI7C7300D also conditionally asserts P_SERR# for any of the following reasons:
Target abort detected during posted write transaction
Master abort detected during posted write transaction
Posted write data discarded after 2
24 (default) attempts to deliver (224 target retries
received)
Parity error reported on target bus during posted write transaction (see previous
section)
Delayed write data discarded after 2
24 (default) attempts to deliver (224 target retries
received)
Delayed read data cannot be transferred from target after 2
24 (default) attempts (224
target retries received)
Master timeout on delayed transaction
The device-specific P_SERR# status register reports the reason for the assertion of
P_SERR#. Most of these events have additional device-specific disable bits in the
P_SERR# event disable register that make it possible to mask out P_SERR# assertion for
specific events. The master timeout condition has a SERR# enable bit for that event in
the bridge control register and therefore does not have a device-specific disable bit.
8
EXCLUSIVE ACCESS
This chapter describes the use of the LOCK# signal to implement exclusive access to a
target for transactions that cross PI7C7300D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com