Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI7C7300D Datasheet(PDF) 92 Page - Pericom Semiconductor Corporation

Part # PI7C7300D
Description  3-PORT PCI-to-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C7300D Datasheet(HTML) 92 Page - Pericom Semiconductor Corporation

Back Button PI7C7300D Datasheet HTML 88Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 89Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 90Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 91Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 92Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 93Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 94Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 95Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 96Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 107 page
background image
PI7C7300D
3-PORT PCI-TO-PCI BRIDGE
Page 92 of 107
Pericom Semiconductor
November 2005 - Revision 1.01
14.1.43
SECONDARY SUCCESSFUL MEMORY READ COUNTER
REGISTER – Offset 88h
Bit
Function
Type
Description
31:0
Successful
Memory Read
Counts on S1 or
S2
R/W
Stores the successful memory read count on S1 or S2 and is updated
when the sampling timer is active.
Reset to 0
14.1.44
SECONDARY SUCCESSFUL MEMORY WRITE COUNTER
REGISTER – OFFSET 8Ch
Bit
Function
Type
Description
31:0
Successful
Memory Write
Counts on S1 or
S2
R/W
Stores the successful memory write count on S1 or S2 and is updated
when the sampling timer is active.
Reset to 0
14.1.45
PRIMARY SUCCESSFUL I/O READ COUNTER REGISTER –
OFFSET 90h
Bit
Function
Type
Description
31:0
Successful I/O
Read Counts on
Primary
R/W
Stores the successful I/O read count on Primary and is updated when
the sampling timer is active.
Reset to 0
14.1.46
PRIMARY SUCCESSFUL I/O WRITE COUNTER REGISTER –
OFFSET 94h
Bit
Function
Type
Description
31:0
Successful I/O
Write Counts on
Primary
R/W
Stores the successful I/O write count on Primary and is updated when
the sampling timer is active.
Reset to 0
14.1.47
PRIMARY SUCCESSFUL MEMORY READ COUNTER
REGISTER – OFFSET 98h
Bit
Function
Type
Description
31:0
Successful
Memory Read
Counts on
Primary
R/W
Stores the successful memory read count on Primary and is updated
when the sampling timer is active.
Reset to 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com