Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI7C7300D Datasheet(PDF) 71 Page - Pericom Semiconductor Corporation

Part # PI7C7300D
Description  3-PORT PCI-to-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C7300D Datasheet(HTML) 71 Page - Pericom Semiconductor Corporation

Back Button PI7C7300D Datasheet HTML 67Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 68Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 69Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 70Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 71Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 72Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 73Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 74Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 75Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 107 page
background image
PI7C7300D
3-PORT PCI-TO-PCI BRIDGE
Page 71 of 107
Pericom Semiconductor
November 2005 - Revision 1.01
Each secondary clock output is limited to no more than one load.
12
RESET
This chapter describes the primary interface, secondary interface, and chip reset
mechanisms.
12.1
PRIMARY INTERFACE RESET
PI7C7300D has a reset input, P_RESET#. When P_RESET# is asserted, the following
events occur:
PI7C7300D immediately 3-states all primary and secondary PCI interface signals.
PI7C7300D performs a chip reset.
Registers that have default values are reset.
P_RESET# asserting and de-asserting edges can be asynchronous to P_CLK and
S_CLK. PI7C7300D is not accessible during P_RESET#. After P_RESET# is de-
asserted, PI7C7300D remains inaccessible for 16 PCI clocks (Trhfa, page 128 of the PCI
Local Bus Specification Rev 2.2) before the first configuration transaction can be
accepted.
12.2
SECONDARY INTERFACE RESET
PI7C7300D is responsible for driving the secondary bus reset signals, S1_RESET# and
S2_RESET#. PI7C7300D asserts S1_RESET# or S2_RESET# when any of the
following conditions is met:
Signal P_RESET# is asserted. Signal S1_RESET# or S2_RESET# remains
asserted as long as P_RESET# is asserted and does not de-assert until P_RESET# is
de-asserted.
The secondary reset bit in the bridge control register is set. Signal S1_RESET#
or S2_RESET# remains asserted until a configuration write operation clears the
secondary reset bit.
S1_RESET# or S2_RESET# pin is asserted. When S1_RESET# or S2_RESET# is
asserted, PI7C7300D immediately 3-states all the secondary PCI interface signals
associated with the Secondary S1 or S2 port. The S1_RESET# or S2_RESET# in
asserting and de-asserting edges can be asynchronous to P_CLK.
When S1_RESET# or S2_RESET# is asserted, all secondary PCI interface control
signals, including the secondary grant outputs, are immediately 3-stated. Signals S1_AD,
S1_CBE[3:0]#, S1_PAR (S2_AD, S2_CBE[3:0]#, S2_PAR) are driven low for the
duration of S1_RESET# (S2_RESET#) assertion. All posted write and delayed
transaction data buffers are reset. Therefore, any transactions residing inside the buffers
at the time of secondary reset are discarded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com