| Electronic Components Datasheet Search |
|
PI7C7300D Datasheet(PDF) 14 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PI7C7300D Datasheet(HTML) 14 Page - Pericom Semiconductor Corporation |
|
14 / 107 page ![]() PI7C7300D 3-PORT PCI-TO-PCI BRIDGE Page 14 of 107 Pericom Semiconductor November 2005 - Revision 1.01 Name Pin # Type Description P_IRDY# V13 PSTS Primary IRDY (Active LOW). Driven by the initiator of a transaction to indicate its ability to complete current data phase on the primary side. Once asserted in a data phase, it is not de-asserted until the end of the data phase. Before tri-stated, it is driven to a de-asserted state for one cycle. P_TRDY# U13 PSTS Primary TRDY (Active LOW). Driven by the target of a transaction to indicate its ability to complete current data phase on the primary side. Once asserted in a data phase, it is not de-asserted until the end of the data phase. Before tri-stated, it is driven to a de-asserted state for one cycle. P_DEVSEL# Y14 PSTS Primary Device Select (Active LOW). Asserted by the target indicating that the device is accepting the transaction. As a master, PI7C7300D waits for the assertion of this signal within 5 cycles of P_FRAME# assertion; otherwise, terminate with master abort. Before tri-stated, it is driven to a de-asserted state for one cycle. P_STOP# W14 PSTS Primary STOP (Active LOW). Asserted by the target indicating that the target is requesting the initiator to stop the current transaction. Before tri-stated, it is driven to a de-asserted state for one cycle. P_LOCK# V14 PSTS Primary LOCK (Active LOW). Asserted by the master for multiple transactions to complete. P_IDSEL Y10 PI Primary ID Select. Used as a chip select line for Type 0 configuration accesses to PI7C7300D configuration space. P_PERR# Y15 PSTS Primary Parity Error (Active LOW). Asserted when a data parity error is detected for data received on the primary interface. Before being tri-stated, it is driven to a de-asserted state for one cycle. P_SERR# W15 POD Primary System Error (Active LOW). Can be driven LOW by any device to indicate a system error condition. PI7C7300D drives this pin on: Address parity error Posted write data parity error on target bus Secondary S1_SERR# or S2_SERR# asserted Master abort during posted write transaction Target abort during posted write transaction Posted write transaction discarded Delayed write request discarded Delayed read request discarded Delayed transaction master timeout This signal requires an external pull-up resistor for proper operation. P_REQ# W6 PTS Primary Request (Active LOW). This is asserted by PI7C7300D to indicate that it wants to start a transaction on the primary bus. PI7C7300D de-asserts this pin for at least 2 PCI clock cycles before asserting it again. P_GNT# U7 PI Primary Grant (Active LOW). When asserted, PI7C7300D can access the primary bus. During idle and P_GNT# asserted, PI7C7300D will drive P_AD, P_CBE, and P_PAR to valid logic levels. P_RESET# Y5 PI Primary RESET (Active LOW). When P_RESET# is active, all PCI signals should be asynchronously tri-stated. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |